Electronic Components Datasheet Search
  English  ▼

X  

PCF2123TS Datasheet(PDF) 43 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 39Page - NXP Semiconductors PCF2123TS Datasheet HTML 40Page - NXP Semiconductors PCF2123TS Datasheet HTML 41Page - NXP Semiconductors PCF2123TS Datasheet HTML 42Page - NXP Semiconductors PCF2123TS Datasheet HTML 43Page - NXP Semiconductors PCF2123TS Datasheet HTML 44Page - NXP Semiconductors PCF2123TS Datasheet HTML 45Page - NXP Semiconductors PCF2123TS Datasheet HTML 46Page - NXP Semiconductors PCF2123TS Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
43 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
Fig 28. SPI-bus timing
001aai554
R/W
SA2
RA0
b7
b6
b0
b7
b6
b0
b0
b6
b7
SDI
SDO
SDO
Hi Z
Hi Z
SDI
SCL
CE
WRITE
READ
tw(CE)
80%
20%
tclk(L)
tf
th(CE)
trec(CE)
tdis(SDO)
td(R)SDO
tt(SDI-SDO)
tr
th
tsu
tclk(H)
tSCL
tsu(CE)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com