Electronic Components Datasheet Search
  English  ▼

X  

PCF2123TS Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF2123TS
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123TS Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF2123TS Datasheet HTML 11Page - NXP Semiconductors PCF2123TS Datasheet HTML 12Page - NXP Semiconductors PCF2123TS Datasheet HTML 13Page - NXP Semiconductors PCF2123TS Datasheet HTML 14Page - NXP Semiconductors PCF2123TS Datasheet HTML 15Page - NXP Semiconductors PCF2123TS Datasheet HTML 16Page - NXP Semiconductors PCF2123TS Datasheet HTML 17Page - NXP Semiconductors PCF2123TS Datasheet HTML 18Page - NXP Semiconductors PCF2123TS Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
15 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.4.7 Register Years
8.4.8 Setting and reading the time
Figure 10 shows the data flow and data dependencies starting from the 1 Hz clock tick.
Table 16.
Month assignments in BCD format
Month
Upper-digit
(ten’s place)
Digit (unit place)
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
January
0
0
0
0
1
February
0
0
0
1
0
March
0
0
0
1
1
April
0
0
100
May
0
0
101
June
00
110
July
00
111
August
01
000
September
0
1
0
0
1
October
10
000
November
10
001
December
10
010
Table 17.
Years - years register (08h) bit description
Bit
Symbol
Value
Place value Description
7 to 4
YEARS
0 to 9
ten’s place
actual year coded in BCD format
3to0
0to 9
unit place
Fig 10. Data flow of the time function
001aaf901
1 Hz tick
12_24 hour mode
WEEKDAY
SECONDS
MINUTES
HOURS
DAYS
LEAP YEAR
CALCULATION
MONTHS
YEARS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com