Electronic Components Datasheet Search
  English  ▼

X  

PCF210AA Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCF210AA Datasheet HTML 15Page - NXP Semiconductors PCF210AA Datasheet HTML 16Page - NXP Semiconductors PCF210AA Datasheet HTML 17Page - NXP Semiconductors PCF210AA Datasheet HTML 18Page - NXP Semiconductors PCF210AA Datasheet HTML 19Page - NXP Semiconductors PCF210AA Datasheet HTML 20Page - NXP Semiconductors PCF210AA Datasheet HTML 21Page - NXP Semiconductors PCF210AA Datasheet HTML 22Page - NXP Semiconductors PCF210AA Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
19 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The generation of interrupts from the alarm function is controlled via bit AIE (register
Control_2, see Table 7). If bit AIE is enabled, the INT pin follows the condition of bit AF. AF
will remain set until cleared by the interface. Once AF has been cleared, it will only be set
again when the time increments to match the alarm condition once more. Alarm registers
which have their AE_x bit logic 1 are ignored.
Generation of interrupts from the alarm function is described in Section 8.7.3.
Figure 13, Table 22, and Table 23 show an example for clearing bit AF, but leaving bit
MSF and bit TF unaffected. The flags are cleared by a write command, therefore bits 7, 6,
4, 1 and 0 must be written with their previous values. Repeatedly re-writing these bits has
no influence on the functional behavior.
To prevent the timer flags being overwritten while clearing bit AF, logic AND is performed
during a write access. A flag is cleared by writing logic 0 whilst a flag is not cleared by
writing logic 1. Writing logic 1 will result in the flag value remaining unchanged.
Table 23 shows what instruction must be sent to clear bit AF. In this example, bit MSF and
bit TF are unaffected.
Example where only the minute alarm is used and no other interrupts are enabled.
Fig 13. Alarm flag timing
Table 22.
Flag location in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
--MSF
-AF
TF
-
-
Table 23.
Example to clear only AF (bit 3) in register Control_2
Register
Bit
7
6
5
4
3
2
1
0
Control_2
-
-
1
-
0
1
-
-
001aaf903
44
45
45
minute alarm
minutes counter
AF
INT when AIE = 1
46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com