Electronic Components Datasheet Search
  English  ▼

X  

PCF210AA Datasheet(PDF) 23 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button PCF210AA Datasheet HTML 19Page - NXP Semiconductors PCF210AA Datasheet HTML 20Page - NXP Semiconductors PCF210AA Datasheet HTML 21Page - NXP Semiconductors PCF210AA Datasheet HTML 22Page - NXP Semiconductors PCF210AA Datasheet HTML 23Page - NXP Semiconductors PCF210AA Datasheet HTML 24Page - NXP Semiconductors PCF210AA Datasheet HTML 25Page - NXP Semiconductors PCF210AA Datasheet HTML 26Page - NXP Semiconductors PCF210AA Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
23 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
therefore changing it without setting bit TE = 0 may result in a corrupted value loaded into
the countdown counter which results in an undetermined countdown period for the first
period. The countdown value n will, however, be correctly stored and correctly loaded on
subsequent timer periods.
When the countdown timer flag is set, an interrupt signal on INT will be generated
provided that this mode is enabled. See Section 8.7.2 for details on how the interrupt can
be controlled.
When starting the timer for the first time, the first period will have an uncertainty which is a
result of the enable instruction being generated from the interface clock which is
asynchronous from the timer source clock. Subsequent timer periods will have no such
delay. The amount of delay for the first timer period will depend on the chosen source
clock, see Table 29.
At the end of every countdown, the timer sets the countdown timer flag (bit TF). Bit TF
may only be cleared by software. The asserted bit TF can be used to generate an
interrupt (INT). The interrupt may be generated as a pulsed signal every countdown
period or as a permanently active signal which follows the condition of bit TF. Bit TI_TP is
used to control this mode selection and the interrupt output may be disabled with bit TIE,
see Table 7.
When reading the timer, the current countdown value is returned and not the initial
value n. Since it is not possible to freeze the countdown timer counter during read back, it
is recommended to read the register twice and check for consistent results.
Timer source clock frequency selection of 1 Hz and 1
⁄
60 Hz will be affected by the
Offset_register. The duration of a program period will vary according to when the offset is
initiated. For example, if a 100 s timer is set using the 1 Hz clock as source, then some
100 s periods will contain correction pulses and therefor be longer or shorter depending
on the setting of the Offset_register. See Section 8.9 to understand the operation of the
Offset_register.
8.6.5 Timer flags
When a minute or second interrupt occurs, bit MSF is set logic 1. Similarly, at the end of a
timer countdown or alarm event, bit TF or AF are set logic 1. These bits maintain their
value until overwritten by software. If both countdown timer and minute or second
interrupts are required in the application, the source of the interrupt can be determined by
reading these bits. To prevent one flag being overwritten while clearing another a logical
AND is performed during a write access. A flag is cleared by writing logic 0 whilst a flag is
not cleared by writing logic 1. Writing logic 1 will result in the flag value remaining
unchanged.
Table 29.
First period delay for timer counter value n
Timer source clock
Minimum timer period
Maximum timer period
4.096 kHz
n
n + 1
64 Hz
n
n + 1
1 Hz
(n
− 1) + 1⁄
64 Hz
n + 1
⁄
64 Hz
1
⁄
60 Hz
(n
− 1) + 1⁄
64 Hz
n + 1
⁄
64 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com