Electronic Components Datasheet Search
  English  ▼

X  

PCF210AA Datasheet(PDF) 53 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button PCF210AA Datasheet HTML 49Page - NXP Semiconductors PCF210AA Datasheet HTML 50Page - NXP Semiconductors PCF210AA Datasheet HTML 51Page - NXP Semiconductors PCF210AA Datasheet HTML 52Page - NXP Semiconductors PCF210AA Datasheet HTML 53Page - NXP Semiconductors PCF210AA Datasheet HTML 54Page - NXP Semiconductors PCF210AA Datasheet HTML 55Page - NXP Semiconductors PCF210AA Datasheet HTML 56Page - NXP Semiconductors PCF210AA Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
53 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
Fig 37. Film Frame Carrier (FFC) for 6 inch wafer (PCF2123U/10AA/1)
013aaa350
1.2+0
mm
−0.1
73.68 mm
71.79 mm
∅ 193.50 mm
214.50 mm
214.50 mm
0.25
metal frame
plastic film
straight edge
of the wafer
Fig 38. Film Frame Carrier (FFC) for 8 inch wafer (PCF2123U/12AA/1 and PCF2123U/12HA/1)
013aaa351
2.6 mm
60.2 mm
63.5 mm
∅ 250 mm
276 mm
276 mm
0.3
plastic frame
plastic film
straight edge
of the wafer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com