Electronic Components Datasheet Search
  English  ▼

X  

PCF210AA Datasheet(PDF) 29 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button PCF210AA Datasheet HTML 25Page - NXP Semiconductors PCF210AA Datasheet HTML 26Page - NXP Semiconductors PCF210AA Datasheet HTML 27Page - NXP Semiconductors PCF210AA Datasheet HTML 28Page - NXP Semiconductors PCF210AA Datasheet HTML 29Page - NXP Semiconductors PCF210AA Datasheet HTML 30Page - NXP Semiconductors PCF210AA Datasheet HTML 31Page - NXP Semiconductors PCF210AA Datasheet HTML 32Page - NXP Semiconductors PCF210AA Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
29 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.9 Offset register
The PCF2123 incorporates an offset register (address 0Dh) which can be used to
implement several functions, such as:
• Ageing adjustment
• Temperature compensation
• Accuracy tuning
The offset is made once every two hours in the normal mode, or once every hour in the
course mode. Each LSB will introduce an offset of 2.17 ppm for normal mode and
4.34 ppm for course mode. The values of 2.17 ppm and 4.34 ppm are based on a nominal
32.768 kHz clock. The offset value is coded in two’s complement giving a range of
+63 LSB to
−64 LSB.
[1]
Default mode.
The correction is made by adding or subtracting 64 Hz clock correction pulses, thereby
changing the period of a single second.
In normal mode, the correction is triggered once per two hours and then correction pulses
are applied once per minute until the programmed correction values have been
implement.
In course mode, the correction is triggered once per hour and then correction pulses are
applied once per minute up to a maximum of 60 minutes. When correction values greater
than 60 are used, additional correction pulses are made in the 59th minute (see Table 38).
Table 36.
Register Offset_register
OFFSET[6:0]
Offset value in
decimal
Offset value in ppm
Normal mode
MODE = 0
Course mode
MODE = 1
0 1 1 1 1 1 1
+63
+136.71
+273.42
0 1 1 1 1 1 0
+62
+134.54
+269.08
:
:::
00 00 01 0
+2
+4.34
+8.68
00 00 00 1
+1
+2.17
+4.34
00 00 00 0
0[1]
00
11 11 11 1
−1
−2.17
−4.34
11 11 11 0
−2
−4.34
−8.68
:
:::
10 00 00 1
−63
−136.71
−273.42
10 00 00 0
−64
−138.88
−277.76
Table 37.
Example of converting the offset in ppm to seconds
Offset in ppm
Seconds per
Day
Week
Month
Year
2.17
0.187
1.31
5.69
68.2
4.34
0.375
2.62
11.4
136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com