Electronic Components Datasheet Search
  English  ▼

X  

MAX6695 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6695
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6695 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6695 Datasheet HTML 9Page - Maxim Integrated Products MAX6695 Datasheet HTML 10Page - Maxim Integrated Products MAX6695 Datasheet HTML 11Page - Maxim Integrated Products MAX6695 Datasheet HTML 12Page - Maxim Integrated Products MAX6695 Datasheet HTML 13Page - Maxim Integrated Products MAX6695 Datasheet HTML 14Page - Maxim Integrated Products MAX6695 Datasheet HTML 15Page - Maxim Integrated Products MAX6695 Datasheet HTML 16Page - Maxim Integrated Products MAX6695 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
begun, after which the device returns to standby mode.
If a conversion is in progress when a one-shot com-
mand is received, the command is ignored. If a one-
shot command is received in autoconvert mode
(RUN/STOP bit = 0) between conversions, a new con-
version begins, the conversion rate timer is reset, and
the next automatic conversion takes place after a full
delay elapses.
Fault Queue Function
To avoid false triggering of the MAX6695/MAX6696 in
noisy environments, a fault queue is provided, which
can be enabled by setting bit 5 (configuration register)
to 1. Four channel 1 fault or two channel 2 fault events
must occur consecutively before the fault output (OT2)
becomes active. Any reading that breaks the sequence
resets the fault queue counter. If there are three over-
limit readings followed by a within-limit reading, the
remote channel 1 fault queue counter is reset.
Configuration Byte Functions
The configuration byte register (Table 6) is a read-write
register with several functions. Bit 7 is used to mask
(disable) ALERT interrupts. Bit 6 puts the device into
software standby mode (STOP) or autonomous (RUN)
mode. Bit 5, when 1, enables the Fault Queue. Bit 4 is
reserved. Bit 3 is used to select either remote channel 1
or remote channel 2 for reading temperature data or for
setting or reading temperature limits. Bit 2 disables the
SMBus timeout, as well as the Alert Response. Bit 1
masks ALERT interrupt due to channel 2 when high. Bit
0 masks ALERT interrupt due to channel 1 when high.
Status Byte Functions
The status registers (Tables 7 and 8) indicate which (if
any) temperature thresholds have been exceeded and
if there is an open-circuit fault detected with the exter-
nal sense junctions. Status register 1 also indicates
whether the ADC is converting. After POR, the normal
state of the registers’ bits is zero (except bit 7 of status
register 1), assuming no alert or overtemperature con-
ditions are present. Bits 0 through 6 of status register 1
and bits 1 through 7 of status register 2 are cleared by
any successful read of the status registers, unless the
fault persists. The ALERT output follows the status flag
bit. Both are cleared when successfully read, but if the
condition still exists, they reassert at the end of the next
conversion.
The bits indicating OT1 and OT2 are cleared only on
reading status even if the fault conditions still exist.
Reading the status byte does not clear the OT1 and
OT2 outputs. One way to eliminate the fault condition is
for the measured temperature to drop below the tem-
perature threshold minus the hysteresis value. Another
way to eliminate the fault condition is by writing new
values for the RWO2E, RWO2I, RWO1E, RWO1I, or
HYST registers so that a fault condition is no longer
present.
When autoconverting, if the THIGH and TLOW limits are
close together, it is possible for both high-temp and
low-temp status bits to be set, depending on the
amount of time between Status Read operations. In
these circumstances, it is best not to rely on the status
bits to indicate reversals in long-term temperature
changes. Instead, use a current temperature reading to
establish the trend direction.
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
______________________________________________________________________________________
13
BIT
NAME
POR
STATE
FUNCTION
7(MSB)
MASK1
0
Mask ALERT interrupts when 1.
6
RUN/STOP
0
Standby mode control bit. If 1, immediately stops converting and enters
standby mode. If zero, it converts in either one-shot or timer mode.
5
Fault Queue
0
Fault queue enables when 1. When set to 1, four consecutive faults must occur
before OT2 output is asserted.
4
RFU
0
Reserved.
3
Remote 2 Select
0
0: Read/write remote 1 temperature and set-point values.
1: Read/write remote 2 temperature and set-point values.
2
SMB Timeout Disable
0
When set to 1, it disables the SMBus timeout, as well as the alert response.
1
MASK Alert Channel 2
0
When set to 1, it masks ALERT interrupt due to channel 2.
0
MASK Alert Channel 1
0
When set to 1, it masks ALERT interrupt due to channel 1.
Table 6. Configuration Byte Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com