Electronic Components Datasheet Search
  English  ▼

X  

MAX6695 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX6695
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6695 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX6695 Datasheet HTML 1Page - Maxim Integrated Products MAX6695 Datasheet HTML 2Page - Maxim Integrated Products MAX6695 Datasheet HTML 3Page - Maxim Integrated Products MAX6695 Datasheet HTML 4Page - Maxim Integrated Products MAX6695 Datasheet HTML 5Page - Maxim Integrated Products MAX6695 Datasheet HTML 6Page - Maxim Integrated Products MAX6695 Datasheet HTML 7Page - Maxim Integrated Products MAX6695 Datasheet HTML 8Page - Maxim Integrated Products MAX6695 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +6V
DXP1, DXP2................................................-0.3V to (VCC + 0.3V)
DXN ......................................................................-0.3V to +0.8V
SMBCLK, SMBDATA, ALERT ...................................-0.3V to +6V
RESET, STBY, ADD0, ADD1, OT1, OT2 ...................-0.3V to +6V
SMBDATA Current .................................................1mA to 50mA
DXN Current ......................................................................±1mA
Continuous Power Dissipation (TA = +70°C)
10-Pin μMAX (derate 6.9mW/°C above +70°C) ........555.6mW
16-Pin QSOP (derate 8.3mW/°C above +70°C) .......666.7mW
Operating Temperature Range .........................-40°C to +125°C
Junction Temperature .....................................................+150°C
Storage Temperature Range ............................-65°C to +150°C
Lead Temperature (soldering, 10s) ................................+300°C
Soldering Temperature (reflow) .......................................+260°C
ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, TA = 0°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
3.0
3.6
V
Standby Supply Current
SMBus static, ADC in idle state
10
μA
Operating Current
Interface inactive, ADC active
0.5
1
mA
Conversion rate = 0.125Hz
35
70
Conversion rate = 1Hz
250
500
Average Operating Current
Conversion rate = 4Hz
500
1000
μA
TRJ = +25°C to +100°C
(TA = +45°C to +85°C)
-1.5
+1.5
TRJ = 0°C to +125°C (TA = +25°C to +100°C)
-3.0
+3.0
TRJ = -40°C to +125°C (TA = 0°C to +125°C)
-5.0
+5.0
Remote Temperature Error
(Note 1)
TRJ = -40°C to +125°C (TA = -40°C)
+3.0
°C
TA = +45°C to +85°C
-2.0
+2.0
TA = +25°C to +100°C
-3.0
+3.0
TA = 0°C to +125°C
-4.5
+4.5
Local Temperature Error
TA = -40°C to +125°C
+3.0
°C
TA = +45°C to +85°C
-3.8
TA = +25°C to +100°C
-4.0
TA = 0°C to +125°C
-4.2
Local Temperature Error
(MAX6695Y/MAX6696Y)
TA = -40°C to +125°C
-4.4
°C
Power-On Reset Threshold
VCC, falling edge (Note 2)
1.3
1.45
1.6
V
POR Threshold Hysteresis
500
mV
Undervoltage Lockout Threshold
UVLO
Falling edge of VCC disables ADC
2.2
2.8
2.95
V
Undervoltage Lockout Hysteresis
90
mV
Channel 1 rate 4Hz, channel 2 / local rate
2Hz (conversion rate register 05h)
112.5
125
137.5
Conversion Time
Channel 1 rate 8Hz, channel 2 / local rate
4Hz (conversion rate register 06h)
56.25
62.5
68.75
ms
High level
80
100
120
Remote-Diode Source Current
IRJ
Low level
8
10
12
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com