Electronic Components Datasheet Search
  English  ▼

X  

MAX6695 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX6695
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6695 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX6695 Datasheet HTML 10Page - Maxim Integrated Products MAX6695 Datasheet HTML 11Page - Maxim Integrated Products MAX6695 Datasheet HTML 12Page - Maxim Integrated Products MAX6695 Datasheet HTML 13Page - Maxim Integrated Products MAX6695 Datasheet HTML 14Page - Maxim Integrated Products MAX6695 Datasheet HTML 15Page - Maxim Integrated Products MAX6695 Datasheet HTML 16Page - Maxim Integrated Products MAX6695 Datasheet HTML 17Page - Maxim Integrated Products MAX6695 Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Reset (MAX6696 Only)
The MAX6696’s registers are reset to their power-on
values if RESET is driven high. When reset occurs, all
registers go to their default values, and the SMBus
address pins are sampled.
Conversion Rate Byte
The conversion-rate control register (Table 9) programs
the time interval between conversions in free-running
autonomous mode (RUN/STOP = 0). This variable rate
control can be used to reduce the supply current in
portable-equipment applications. The conversion rate
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
14
______________________________________________________________________________________
BIT
NAME
POR
FUNCTION
7(MSB)
BUSY
1
A/D is busy converting when 1.
6
LHIGH
0
When 1, internal high-temperature ALERT has tripped, cleared by POR or by reading this status
register. If the fault condition still exists, this bit is set again after the next conversion.
5
LLOW
0
When 1, internal low-temperature ALERT has tripped, cleared by POR or by reading this status
register. If the fault condition still exists, this bit is set again after the next conversion.
4
R1HIGH
0
A 1 indicates external junction 1 high-temperature ALERT has tripped, cleared by POR or by
reading this status register. If the fault condition still exists, this bit is set again after the next
conversion.
3
R1LOW
0
A 1 indicates external junction 1 low-temperature ALERT has tripped, cleared by POR or by reading this
status register. If the fault condition still exists, this bit is set again after the next conversion.
2
1OPEN
0
A 1 indicates external diode 1 is open, cleared by POR or by reading this status register. If the
fault condition still exists, this bit is set again after the next conversion.
1
R1OT1
0
A 1 indicates external junction 1 temperature exceeds the OT1 threshold, cleared by reading this
register.
0
IOT1
0
A 1 indicates internal junction temperature exceeds the internal OT1 threshold, cleared by
reading this register.
Table 7. Status Register 1 Bit Assignments
BIT
NAME
POR
FUNCTION
7(MSB)
IOT2
0
A 1 indicates internal junction temperature exceeds the internal OT2 threshold, cleared by
reading this register.
6
R2OT2
0
A 1 indicates external junction temperature 2 exceeds the external OT2 threshold, cleared by
reading this register.
5
R1OT2
0
A 1 indicates external junction temperature 1 exceeds the OT2 threshold, cleared by reading this
register.
4
R2HIGH
0
A 1 indicates external junction 2 high-temperature ALERT has tripped; cleared by POR or readout
of the status register. If the fault condition still exists, this bit is set again after the next conversion.
3
R2LOW
0
A 1 indicates external junction 2 low-temperature ALERT has tripped; cleared by POR or readout
of the status register. If the fault condition still exists, this bit is set again after the next conversion.
2
2OPEN
0
A 1 indicates external diode 2 open; cleared by POR or readout of the status register. If the fault
condition still exists, this bit is set again after the next conversion.
1
R2OT1
0
A 1 indicates external junction 2 temperature exceeds the OT1 threshold, cleared by reading this
register.
0
RFU
0
Reserved.
Table 8. Status Register 2 Bit Assignments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com