Electronic Components Datasheet Search
  English  ▼

X  

MAX6695 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX6695
Description  Dual Remote/Local Temperature Sensors with SMBus Serial Interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6695 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX6695 Datasheet HTML 1Page - Maxim Integrated Products MAX6695 Datasheet HTML 2Page - Maxim Integrated Products MAX6695 Datasheet HTML 3Page - Maxim Integrated Products MAX6695 Datasheet HTML 4Page - Maxim Integrated Products MAX6695 Datasheet HTML 5Page - Maxim Integrated Products MAX6695 Datasheet HTML 6Page - Maxim Integrated Products MAX6695 Datasheet HTML 7Page - Maxim Integrated Products MAX6695 Datasheet HTML 8Page - Maxim Integrated Products MAX6695 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Dual Remote/Local Temperature Sensors with
SMBus Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VCC = +3.0V to +3.6V, TA = 0°C to +125°C, unless otherwise noted. Typical values are at VCC = +3.3V and TA = +25°C)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
ALERT, OT1, OT2
Output Low Sink Current
VOL = 0.4V
6
mA
Output High Leakage Current
VOH = 3.6V
1
μA
INPUT PIN, ADD0, ADD1 (MAX6696)
Logic Input Low Voltage
VIL
0.3
V
Logic Input High Voltage
VIH
2.9
V
INPUT PIN, RESET,
STBY (MAX6696)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.1
V
Input Leakage Current
ILEAK
-1
+1
μA
SMBus INTERFACE (SMBCLK, SMBDATA,
STBY)
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.1
V
Input Leakage Current
ILEAK
VIN = GND or VCC
±1
μA
Output Low Sink Current
IOL
VOL = 0.6V
6
mA
Input Capacitance
CIN
5
pF
SMBus-COMPATIBLE TIMING (Figures 4 and 5) (Note 2)
Serial Clock Frequency
fSCL
10
100
kHz
Bus Free Time Between STOP
and START Condition
tBUF
4.7
μs
Repeat START Condition Setup
Time
tSU:STA
90% of SMBCLK to 90% of SMBDATA
4.7
μs
START Condition Hold Time
tHD:STA
10% of SMBDATA to 90% of SMBCLK
4
μs
STOP Condition Setup Time
tSU:STO
90% of SMBCLK to 90% of SMBDATA
4
μs
Clock Low Period
tLOW
10% to 10%
4
μs
Clock High Period
tHIGH
90% to 90%
4.7
μs
Data Setup Time
tSU:DAT
250
ns
Data Hold Time
tHD:DAT
300
ns
SMB Rise Time
tR
1
μs
SMB Fall Time
tF
300
ns
SMBus Timeout
SMBDATA low period for interface reset
20
30
40
ms
Note 1: Based on diode ideality factor of 1.008.
Note 2: Specifications are guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com