Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 4Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 10Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 11Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
1
CS
Serial Interface Active-Low Chip Select. Internally pulled up to DVDD.
2
SDI
Serial Interface Data Input. Internally pulled down to GND.
3
SCLK
Serial Interface Clock Input. Internally pulled down to GND.
4
PAGND
Power Amplifier Ground
5
PAOUT
Power Amplifier Output. Requires a pullup inductor to the supply voltage or ROUT. The pullup inductor can
be part of the output-matching network.
6ROUT
Envelope-Shaping Output. ROUT controls the power amplifier envelope’s rise and fall times. Connect
ROUT to the PA pullup inductor or to an optional power-adjust resistor. Bypass the inductor to GND as
close as possible to the inductor with 680pF and 220pF capacitors.
7
PAVDD
Power Amplifier Supply Voltage. Bypass to ground with 0.01µF and 220pF capacitors placed as close as
possible to the pin.
8
AVDD
Analog Positive Supply Voltage. Bypass to ground with 0.1µF and 0.01µF capacitors placed as close as
possible to the pin.
9
XTAL2
Crystal Input 2. XTAL2 can be driven from an AC-coupled external reference.
10
XTAL1
Crystal Input 1. Bypass to ground if XTAL2 is driven from an AC-coupled external reference.
11
AGND
Analog Ground
12
ENABLE
Enable Pin. Drive high for normal operation; drive low or leave unconnected to put the device in standby
mode. Internally pulled down to GND.
13
DIN
ASK/FSK Data Input. Use the control register (address: 0x00) to select the type of modulation. Internally
pulled down to GND.
14
DGND
Digital Ground
15
GPO
General-Purpose Output. Can be configured to output various digital signals (SPI serial data output—SDO,
CLKOUT—reference oscillator frequency divided by 1, 2, 4, or 8 for microprocessor clock, etc).
16
DVDD
Digital positive supply voltage. Bypass to ground with 0.1µF and 0.01µF capacitors placed as close as
possible to the pin.
Detailed Description
The MAX7057 is frequency programmable from 300MHz
to 450MHz, by using a fractional-N phase-locked loop
(PLL), and transmits data using either ASK or FSK mod-
ulation. The MAX7057 has integrated tuning capacitors
at the output of the power amplifier (PA) to ensure high-
power efficiency at various programmable frequencies
with a single-matching network.
The crystal-based architecture of the MAX7057 elimi-
nates many of the common problems with SAW trans-
mitters by providing greater modulation depth, faster
frequency settling, tighter transmit frequency tolerance,
and reduced temperature dependence. In particular,
the tighter transmit frequency tolerance means that a
superheterodyne receiver with a narrower IF bandwidth
(therefore lower noise bandwidth) can be used. The
payoff is better overall receiver performance when using
a superheterodyne receiver such as the MAX1471,
MAX1473, MAX7033, MAX7034, or MAX7042.
Frequency Programming
The MAX7057 is a crystal-referenced phased-locked
loop (PLL) VHF/UHF transmitter that transmits data over
the frequency range of 300MHz to 450MHz in ASK or
FSK mode. The transmit frequency is set by the crystal
frequency and the programmable divider in the PLL;
the programmable-divide ratios can be set anywhere
from 19 to 28, which means that with a crystal frequen-
cy of 16MHz, the output frequency range can be from
304MHz to 448MHz.
The fractional-N architecture of the PLL in the MAX7057
allows the FSK signal to be programmed for exact fre-
quency deviations and rapid, transient-free frequency
settling time. This modulation method completely elimi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com