Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 17 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 17 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 17Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 18Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 19Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Applications Information
Output Matching to 50
Ω
When matched to a 50
Ω system, the MAX7057’s PA is
capable of delivering +9.2dBm of output power at
PAVDD = +2.7V with a broadband match. The output of
the PA is an open-drain transistor, which has internal
selectable shunt tuning capacitors (see the
Variable
Capacitor section) for impedance matching. It is con-
nected to PAVDD or ROUT through a pullup inductor
for proper biasing. The internal selectable shunt capac-
itors make it easy for tuning when changing the output
frequency. The pullup inductor from the PA to PAVDD
or ROUT serves three main purposes: resonating the
capacitive PA output, providing biasing for the PA, and
acting as a high-frequency choke to prevent RF energy
from coupling onto the supply voltage. The pi network
between the PA output and the antenna also forms a
lowpass filter that provides attenuation for the higher-
order harmonics.
Output Matching to PCB Loop Antenna
In many applications, the MAX7057 must be imped-
ance-matched to a small-loop antenna. The antenna is
usually fabricated out of a copper trace on a PCB in a
rectangular, circular, or square pattern. The antenna
has an impedance that consists of a lossy component
and a radiative component. To achieve high radiating
efficiency, the radiative component should be as high
as possible, while minimizing the lossy component. In
addition, a loop antenna has an inherent loop induc-
tance associated with it (assuming the antenna is termi-
nated to ground). In a typical application, the
inductance of the loop antenna is approximately 50nH
to 100nH. The radiative and lossy impedances can be
anywhere from a few tenths of an ohm to 5
Ω or 10Ω.
Layout Considerations
A properly designed PCB is an essential part of any
RF/microwave circuit. At high-frequency inputs and out-
puts, use controlled-impedance lines and keep them as
short as possible to minimize losses and radiation. At
high frequencies, trace lengths that are in the order of
λ/10 or longer act as antennas, where λ is the wave-
length.
Keeping the traces short also reduces parasitic induc-
tance. Generally, 1in of PCB trace adds about 20nH of
parasitic inductance. The parasitic inductance can
have a dramatic effect on the effective inductance of a
passive component. For example, a 0.5in trace con-
necting to a 100nH inductor adds an extra 10nH of
inductance, or 10%.
To reduce parasitic inductance, use wider traces and a
solid ground or power plane below the signal traces.
Using a solid ground plane can reduce the parasitic
inductance from approximately 20nH/in to 7nH/in. Also,
use low-inductance connections to the ground plane,
and place decoupling capacitors as close as possible
to all VDD pins.
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
______________________________________________________________________________________
17
BIT
NAME
FUNCTION
0
NoXTAL
Internal Crystal Oscillator Status. High means oscillator is not in operation.
1
TxREADY
Transmitter Ready Status. High means PLL is locked and MAX7057 is ready to transmit data.
2
RESERVED “0”
RESERVED. Set to 0 for normal operation.
3
X
RESERVED
7-4
fhi/lo[15]–fhi/lo[12]
ASK mode: Outputs flo[15:12].
FSK mode: when datain pin/bit is high, outputs fhi[15:12]; when datain pin/bit is low, outputs flo[15:12].
Table 17. Status Register (Address: 0x0C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com