Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 17Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 18Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 19Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 20Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
These values are internally summed with 16, and thus,
the min and max divider becomes approximately 19
and 28. These limits MUST be followed, to prevent the
delta-sigma number generator from overflowing.
Whenever all of the fhi[11:0] and flo[11:0] are zero, only
an integer divider is used, and the delta-sigma modula-
tor is not in operation. This allows lower current opera-
tion. The 600kHz PLL bandwidth could be used in this
mode to reduce phase noise.
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
16
______________________________________________________________________________________
BIT
NAME
FUNCTION
0
fload
Effectively changes the PLL frequency to the ones written in registers 2–5. This is a self-reset bit,
and is reset to zero after the operation is completed.
Table 12. Frequency Load Register (Address: 0x06)
BIT
NAME
FUNCTION
0
datain_bit
SPI equivalent of DIN, where the transmitted data can be controlled through the SPI interface. It
should be kept low (0) if only the external DIN pin is used. The external DIN pin should also be kept
low (0) if the SPI datain_bit is used.
Table 13. Data In Register (Address: 0x07)
BIT
NAME
FUNCTION
0
enable_bit
SPI equivalent of ENABLE. It should be kept low (0) if the external ENABLE pin is used. The external
ENABLE pin should also be kept low (0) if the SPI enable_bit is used.
Table 14. Enable Register (Address: 0x08)
BIT
NAME
FUNCTION
2-0
gposel[2:0]
3-bit GPO selector
7-3
RESERVED “0” RESERVED. Set to 0 for normal operation.
Table 15. Configuration 1 Register (Address: 0x09)
DECIMAL
BINARY
GPO
DESCRIPTION
0
000
CKOUT_SDO
Clock/SDO Output. Outputs clock when
CS is high and clock output is enabled;
outputs SDO when
CS is low.
1
001
SDO
SPI Serial Data Output (SDO)
2
010
CKOUT
Clock Output
3
011
RESERVED
RESERVED
4
100
RESERVED
RESERVED
5
101
NoXTAL
Internal Crystal Oscillator Status. High means oscillator is NOT in operation.
6
110
TxREADY
Transmitter Ready Status. High means PLL is locked and MAX7057 is ready to
transmit data.
7
111
datain_bit
A copy of datain_bit
Table 16. General-Purpose Output Selector (gposel[2:0]) for Configuration 1 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com