Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 11Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 12Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 13Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 14Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 15Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 16Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 17Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 18Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 19Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
The 4 MSBs of HIFREQ1 (fhi[15:12]) are the integer
portion of the divider, excluding offset of 16. The 12
LSBs (fhi[11:0]) are the fractional part of the divider.
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
______________________________________________________________________________________
15
DECIMAL
BINARY
CRYSTAL FREQUENCY DIVIDED BY
0
000
1
1
001
2
2
010
4
3
011
8
4-7
1XX
16
Table 6. ckdiv[2:0] of Configuration 0 Register (Address: 0x01)
BIT
NAME
FUNCTION
7-0
fhi[15:8]
8-bit upper byte of high-frequency divider for FSK
Table 7. High-Frequency 1 Register (Address: 0x02)
BIT
NAME
FUNCTION
7-0
fhi[7:0]
8-bit lower byte of high-frequency divider for FSK
Table 8. High-Frequency 0 Register (Address: 0x03)
BIT
NAME
FUNCTION
7-0
flo[15:8]
8-bit upper byte of low-frequency divider for FSK/ASK
Table 9. Low-Frequency 1 Register (Address: 0x04)
BIT
NAME
FUNCTION
7-0
flo[7:0]
8-bit lower byte of low-frequency divider for FSK/ASK
Table 10. Low-Frequency 0 Register (Address: 0x05)
DECIMAL VALUE
fhi[15:12], flo[15:12]
fhi[11:0], flo[11:0]
12.0220
0xC
0x05A
2.9536
0x2
0xF42
Table 11. Maximum and Minimum Values for Frequency Divide
The 4 MSBs of LOFREQ1 (flo[15:12]) are the integer
portion of the divider, excluding offset of 16. The 12
LSBs (flo[11:0]) are the fractional part of the divider.
Valid values for the divider are shown in Table 11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com