Electronic Components Datasheet Search
  English  ▼

X  

MAX7057ASE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX7057ASE Datasheet HTML 1Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 2Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 3Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 4Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
_______________________________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
9
10
11
12
13
14
15
16
17
18
8
2.1
3.6
fRF = 315MHz
PA ON
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
7
8
9
10
11
12
5
2.1
3.6
fRF = 315MHz
50% DUTY CYCLE
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2.5
3.0
3.5
4.0
4.5
5.0
6.0
5.5
2.0
2.1
3.6
fRF = 315MHz
PA OFF
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
9
10
11
12
13
14
15
16
17
18
8
2.1
3.6
fRF = 433.92MHz
PA ON
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
6
7
8
9
10
11
12
5
2.1
3.6
fRF = 433.92MHz
50% DUTY CYCLE
TA = +25
°C
TA = -40
°C
TA = +85
°C
TA = +125
°C
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
3.5
4.0
4.5
5.0
5.5
6.0
7.0
6.5
3.0
2.1
3.6
fRF = 433.92MHz
PA OFF
TA = -40
°C
TA = +85
°C
TA = +125
°C
TA = +25
°C
Typical Operating Characteristics
(50
Ω system impedance, VAVDD = VDVDD = VPAVDD = +2.1V to +3.6V, fRF = 300MHz to 450MHz, TA = -40°C to +125°C, unless oth-
erwise noted. Typical values are at VAVDD = VDVDD = VPAVDD = +2.7V, TA = +25°C, unless otherwise noted.)
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2
4
6
8
10
14
12
0
2.1
3.6
fRF = 315MHz
PA ON
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
OUTPUT POWER
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
2
4
6
8
10
14
12
0
2.1
3.6
fRF = 433.92MHz
PA ON
TA = +85
°C
TA = +125
°C
TA = -40
°C, +25°C
SUPPLY CURRENT AND OUTPUT POWER
vs. EXTERNAL RESISTOR
MAX7057 toc09
EXTERNAL RESISTOR (
Ω)
1000
100
10
1
2
4
6
8
10
14
12
0
-15
-10
-5
0
5
15
10
-25
-20
0.1
10,000
fRF = 315MHz
PA ON
SUPPLY CURRENT
OUTPUT POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com