Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 39 Page - Motorola, Inc

Part # MC68340
Description  QUad Integrated Communications Controller Users Manual
PDF  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68340 Datasheet(HTML) 39 Page - Motorola, Inc

Back Button MC68340 Datasheet HTML 35Page - Motorola, Inc MC68340 Datasheet HTML 36Page - Motorola, Inc MC68340 Datasheet HTML 37Page - Motorola, Inc MC68340 Datasheet HTML 38Page - Motorola, Inc MC68340 Datasheet HTML 39Page - Motorola, Inc MC68340 Datasheet HTML 40Page - Motorola, Inc MC68340 Datasheet HTML 41Page - Motorola, Inc MC68340 Datasheet HTML 42Page - Motorola, Inc MC68340 Datasheet HTML 43Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 962 page
background image
Introduction
MOTOROLA
MC68360 USER’S MANUAL
1-9
Figure 1-3. Larger QUICC System Configuration
1.5 QUICC SERIAL CONFIGURATIONS
The QUICC offers an extremely flexible set of communications capabilities. Although a full
understanding of the possibilities requires reading the appropriate sections, some of the
possibilities are shown in the following diagrams. They show possible connections between
QUICC devices. In addition, connections are often shown between QUICCs and the
MC68302 to show the compatibility between these devices.
For readability, transceivers are usually omitted in the following diagrams. For local on-
board communications, however, transceivers are often optional and depend on the proto-
col used.
Figure 1-4 shows the Ethernet LAN capability of the QUICC. An external SIA transceiver is
required to complete the interface to the media. This functionality is implemented in the
MC68160 enhanced Ethernet serial transceiver (EEST
™). The MC68160 EEST supports
QUICC
MC68360
CE (ENABLE)
OE (OUTPUT ENABLE)
WE (WRITE)
DATA
ADDRESS
8-BIT BOOT
EPROM
(FLASH OR REGULAR)
CS0
OE
WE0
DATA
ADDRESS
RAS
CAS3–CAS0
W (WRITE)
DATA
ADDRESS
PARITY
16- OR 32-BIT
TWO DRAM SIMMs
(OPTIONAL PARITY)
RAS1
CAS3–CAS0
R/W
RAS
BUFFER
E (ENABLE)
G (OUTPUT ENABLE)
W (WRITE)
DATA
ADDRESS
8-, 16-, OR 32-BIT SRAM
CS7
WE3–WE0
RAS2
PRTY3–PRTY0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com