Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 35 Page - Motorola, Inc

Part # MC68340
Description  QUad Integrated Communications Controller Users Manual
PDF  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68340 Datasheet(HTML) 35 Page - Motorola, Inc

Back Button MC68340 Datasheet HTML 31Page - Motorola, Inc MC68340 Datasheet HTML 32Page - Motorola, Inc MC68340 Datasheet HTML 33Page - Motorola, Inc MC68340 Datasheet HTML 34Page - Motorola, Inc MC68340 Datasheet HTML 35Page - Motorola, Inc MC68340 Datasheet HTML 36Page - Motorola, Inc MC68340 Datasheet HTML 37Page - Motorola, Inc MC68340 Datasheet HTML 38Page - Motorola, Inc MC68340 Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 962 page
background image
Introduction
MOTOROLA
MC68360 USER’S MANUAL
1-5
1.2.1 CPU32+ Core
The CPU32+ core is a CPU32 that has been modified to connect directly to the 32-bit IMB
and apply the larger bus width. Although the original CPU32 core had a 32-bit internal data
path and 32-bit arithmetic hardware, its interface to the IMB was 16 bits. The CPU32+ core
can operate on 32-bit external operands with one bus cycle. This allows the CPU32+ core
to fetch a long-word instruction in one bus cycle and to fetch two word-length instructions in
one bus cycle, filling the internal instruction queue more quickly. The CPU32+ core can also
read and write 32-bits of data in one bus cycle.
Although the CPU32+ instruction timings are improved, its instruction set is identical to that
of the CPU32. It will also execute the entire M68000 instruction set. It contains the same
background debug mode (BDM) features as the CPU32. No new compilers, assemblers, or
other software support tools need be implemented for the CPU32+; standard CPU32 tools
can be used.
The CPU32+ delivers approximately 4.5 MIPS at 25 MHz, based on the standard (accepted)
assumption that a 10-MHz M68000 delivers 1 VAX MIPS. If an application requires more
performance, the CPU32+ can be disabled, allowing the rest of the QUICC to operate as an
intelligent peripheral to a faster processor. The QUICC provides a special mode called
MC68040 companion mode to allow it to conveniently interface to members of the M68040
family. This two-chip solution provides a 22-MIPS performance at 25 MHz.
The CPU32+ also offers automatic byte alignment features that are not offered on the
CPU32. These features allow 16 or 32-bit data to be read or written at an odd address. The
CPU32+ automatically performs the number of bus cycles required.
1.2.2 System Integration Module (SIM60)
The SIM60 integrates general-purpose features that would be useful in almost any 32-bit
processor system. The term “SIM60” is derived from the QUICC part number, MC68360.
The SIM60 is an enhanced version of the SIM40 that exists on the MC68340 and MC68330
devices.
First, new features, such as a DRAM controller and breakpoint logic, have been added. Sec-
ond, the SIM40 was modified to support a 32-bit IMB as well as a 32-bit external system bus.
Third, new configurations, such as slave mode and internal accesses by an external master,
are supported.
Although the QUICC is always a 32-bit device internally, it may be configured to operate with
a 16-bit data bus. Regardless of the choice of the system bus size, dynamic bus sizing is
supported. Bus sizing allows 8-, 16-, and 32-bit peripherals and memory to exist in the 32-
bit system bus mode and 8- and 16-bit peripherals and memory to exist in the 16-bit system
bus mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com