Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 76 Page - Motorola, Inc

Part # MC68340
Description  QUad Integrated Communications Controller Users Manual
PDF  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68340 Datasheet(HTML) 76 Page - Motorola, Inc

Back Button MC68340 Datasheet HTML 72Page - Motorola, Inc MC68340 Datasheet HTML 73Page - Motorola, Inc MC68340 Datasheet HTML 74Page - Motorola, Inc MC68340 Datasheet HTML 75Page - Motorola, Inc MC68340 Datasheet HTML 76Page - Motorola, Inc MC68340 Datasheet HTML 77Page - Motorola, Inc MC68340 Datasheet HTML 78Page - Motorola, Inc MC68340 Datasheet HTML 79Page - Motorola, Inc MC68340 Datasheet HTML 80Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 962 page
background image
QUICC Memory Map
3-10
MC68360 USER’S MANUAL
MOTOROLA
Notes:
1.Reset value field.
2.H=Effected only upon RESETH assertion
3.S=Effected only upon RESETS assertion
4.Blank field = Effected by both RESETH or RESETS assertion.
REGB + 692
SMCMR2
16
SMC2 Mode Register
0000
SMC2
REGB + 696
SMCE2
8
SMC2 or PIP Event Register
00
REGB + 69a
SMCM2
8
SMC2 Mask Register
00
REGB + 69C
Reserved
REGB + 6A0
SPMODE
16
SPI Mode Register
0000
H
SPI
REGB + 6A6
SPIE
8
SPI Event Register
00
REGB + 6AA
SPIM
8
SPI Mask Register
00
REGB + 6AD
SPCOM
8
SPI Command Register
00
REGB + 6B2
PIPC
16
PIP Configuration Register
0000
H
PIP
REGB + 6B6
PTPR
16
PIP Timing Parameters Register
0000
REGB + 6B8
PBDIR
18
Port B Data Direction Register
xxx0 0000
H
REGB + 6BC
PBPAR
18
Port B Pin Assignment Register
xxx0 0000
H
REGB + 6C2
PBODR
16
Port B Open Drain Register
0000
H
REGB + 6C4
PBDAT
18
Port B Data Register
xxxX XXXX
REGB + 6c8
to
REGB + 6df
Reserved
REGB + 6E0
SIMODE
32
SI Mode Register
0000 0000
H
SI
REGB + 6E4
SIGMR
8
SI Global Mode Register
00
H
REGB + 6E6
SISTR
8
SI Status Register
00
H
REGB + 6E7
SICMR
8
SI Command Register
00
REGB + 6E8
32
Reserved
REGB+ 6EC
SICR
32
SI Clock Route
0000 0000
H
REGB + 6F2
SIRP
32
SI RAM Pointers
0000 0000
REGB + 6F6
to
REGB + 6FF
RES
Reserved
REGB + 700
to
REGB + 7ff
SIRAM
256
Bytes SI Routing RAM
XXXX
Table 3-4. QUICC CPM Registers Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com