Electronic Components Datasheet Search
  English  ▼

X  

MC68340 Datasheet(PDF) 32 Page - Motorola, Inc

Part # MC68340
Description  QUad Integrated Communications Controller Users Manual
PDF  962 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC68340 Datasheet(HTML) 32 Page - Motorola, Inc

Back Button MC68340 Datasheet HTML 28Page - Motorola, Inc MC68340 Datasheet HTML 29Page - Motorola, Inc MC68340 Datasheet HTML 30Page - Motorola, Inc MC68340 Datasheet HTML 31Page - Motorola, Inc MC68340 Datasheet HTML 32Page - Motorola, Inc MC68340 Datasheet HTML 33Page - Motorola, Inc MC68340 Datasheet HTML 34Page - Motorola, Inc MC68340 Datasheet HTML 35Page - Motorola, Inc MC68340 Datasheet HTML 36Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 962 page
background image
Introduction
1-2
MC68360 USER’S MANUAL
MOTOROLA
—Glueless Interface to DRAM Single In-Line Memory Modules (SIMMs), Static Ran-
dom-Access Memory (SRAM), Electrically Programmable Read-Only Memory
(EPROM), Flash EPROM, etc.
—Four CAS lines, Four WE lines, One OE line
—Boot Chip Select Available at Reset (Options for 8-, 16-, or 32-Bit Memory)
—Special Features for MC68040 Including Burst Mode Support
• Four General-Purpose Timers
—Superset of MC68302 Timers
—Four 16-Bit Timers or Two 32-Bit Timers
—Gate Mode Can Enable/Disable Counting
• Two Independent DMAs (IDMAs)
—Single Address Mode for Fastest Transfers
—Buffer Chaining and Auto Buffer Modes
—Automatically Performs Efficient Packing
—32-Bit Internal and External Transfers
• System Integration Module (SIM60)
—Bus Monitor
—Double Bus Fault Monitor
—Spurious Interrupt Monitor
—Software Watchdog
—Periodic Interrupt Timer
—Low Power Stop Mode
—Clock Synthesizer
—Breakpoint Logic Provides On-Chip Hardware Breakpoints
—External Masters May Use On-Chip Features Such As Chip Selects
—On-Chip Bus Arbitration with No Overhead for Internal Masters
—IJTAG Test Access Port
• Interrupts
—Seven External IRQ Lines
—12 Port Pins with Interrupt Capability
—16 Internal Interrupt Sources
—Programmable Priority Between SCCs
—Programmable Highest Priority Request
• Communications Processor Module (CPM)
—RISC Controller
—Many New Commands (e.g., Graceful Stop Transmit, Close RxBD)
—224 Buffer Descriptors
—Supports Continuous Mode Transmission and Reception on All Serial Channels
—2.5 Kbytes of Dual-Port RAM
—14 Serial DMA (SDMA) Channels
—Three Parallel I/O Registers with Open-Drain Capability
—Each Serial Channel Can Have Its Own Pins (NMSI Mode)
• Four Baud Rate Generators



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com