Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 16 Page - Linear Technology

Part # LT3574
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT3574 Datasheet HTML 12Page - Linear Technology LT3574 Datasheet HTML 13Page - Linear Technology LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
LT3511
16
3511fa
Example:
NPS <
150V – 72V – 40V
15V + 0.5V
NPS < 2.45
NPS = 2
The choice of turns ratio is critical in determining output
power as shown earlier in the Output Power section. At
this point, a third winding can be added to the transformer
to drive the BIAS pin of the LT3511 for higher efficiencies.
Choose a turns ratio that sets the third winding voltage
to regulate between 3.3V and 6V for maximum efficiency.
Choose a third winding ratio to drive BIAS winding with
5V. (Optional)
Example:
NTHIRD
NS
=
VTHIRD
VOUT
=
5V
15V
= 0.33
The turns ratio of the transformer chosen is as follows
NPRIMARY: NSECONDARY: NTHIRD = 2:1:0.33.
Step 2: Calculate maximum power output at minimum
VIN.
POUT(VIN(MIN)) = η • VIN(MIN) • IIN = η • VIN(MIN) • D •
IPEAK • 0.5
D =
VOUT + VF
(
) •NPS
VOUT + VF
(
) •NPS + VIN(MIN)
η = Efficiency = ~75%
IPEAK = Peak switch current = 0.26A
Example:
D = 0.46
POUT(VIN(MIN)) = 1.62
IOUT(VIN(MIN)) = POUT(VIN(MIN))/VOUT = 0.11A
The chosen turns ratio satisfies the output current re-
quirement of 100mA. If the output current was too low,
the minimum input voltage could be adjusted higher. The
turns ratio in this example is set to its highest ratio given
switch voltage requirements and margin for leakage in-
ductance voltage spike.
Step 3: Determine primary inductance, switching fre-
quency and saturation current.
Primary inductance for the transformer must be set
above a minimum value to satisfy the minimum off time
requirement.
LPRI ≥
tOFF(MIN) • NPS • VOUT + VF
(
)
IPEAK(MIN)
tOFF(MIN) = 400ns
IPEAK(MIN) = 55mA
Example:
LPRI ≥
400ns • 2 • 15 + 0.5
(
)
0.055
LPRI ≥ 225µH
In addition, primary inductance will determine switching
frequency.
fSW =
1
tON + tOFF
=
1
LPRI •IPEAK
VIN
+
LPRI •IPEAK
NPS • VOUT + VF
(
)
IPEAK =
VOUT •IOUT • 2
η • VIN • D
Example:
Let’s calculate switching frequency at our nominal VIN
of 48V.
D =
15 + 0.5
(
) • 2
15 + 0.5
(
) • 2+ 48
= 0.39
IPEAK =
15V • 0.1A • 2
0.75 • 48V • 0.39
= 0.21A
Let’s choose LPRI = 350μH. Remember, most transform-
ers specify primary inductance with a tolerance of ±20%.
fSW = 256kHz
Finally, the transformer needs to be rated for the correct
saturation current level across line and load conditions.
In the given example, the worst-case condition for switch
current is at minimum VIN and maximum load.
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com