Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 20 Page - Linear Technology

Part # LT3574
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 20 Page - Linear Technology

Back Button LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology LT3574 Datasheet HTML 21Page - Linear Technology LT3574 Datasheet HTML 22Page - Linear Technology LT3574 Datasheet HTML 23Page - Linear Technology LT3574 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LT3511
20
3511fa
Typical applicaTions
48V to 5V Isolated Flyback Converter
48V to 15V Isolated Flyback Converter
3511 TA02
R5
69.8k
VIN
36V TO 72V
VOUT+
5V
0.3A
VOUT–
4:1:1
D1
R1
1M
R2
43.2k
C1
1µF
C4
22µF
T1
300µH
19µH
C1: TAIYO YUDEN HMK316B7105KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM32ER71C226KE18B
D1, D2: DIODES INC. SBR140S3
D3: DIODES INC. BAV19W
T1: WÜRTH 750311558
Z1: ON SEMI MMSZ5266BT1G
R4
10k
R3
169k
R6
16.9k
OPTIONAL THIRD
WINDING FOR
HV OPERATION
C2
3.3nF
C3
4.7µF
L1C
19µH
D3
Z1
D2
EN/UVLO
TC
VC
GND BIAS
LT3511
VIN
SW
RFB
RREF
3511 TA03
R5
97.6k
VIN
36V TO 72V
VOUT+
15V
0.1A
VOUT–
2:1
D1
R1
1M
R2
43.2k
C1
1µF
C4
10µF
T1
350µH
88µH
R4
10k
R3
237k
R6
13k
C2
6.8nF
C3
4.7µF
D2
Z1
EN/UVLO
TC
VC
GND BIAS
LT3511
VIN
SW
RFB
RREF
C1: TAIYO YUDEN HMK316B7105KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM31CR71E106KA12
D1: DIODES INC. SBR0560S1
D2: DIODES INC. BAV19W
T1: WÜRTH 750311660
Z1: ON SEMI MMSZ5266BT1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com