Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3574
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 4 Page - Linear Technology

  LT3574 Datasheet HTML 1Page - Linear Technology LT3574 Datasheet HTML 2Page - Linear Technology LT3574 Datasheet HTML 3Page - Linear Technology LT3574 Datasheet HTML 4Page - Linear Technology LT3574 Datasheet HTML 5Page - Linear Technology LT3574 Datasheet HTML 6Page - Linear Technology LT3574 Datasheet HTML 7Page - Linear Technology LT3574 Datasheet HTML 8Page - Linear Technology LT3574 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LT3511
4
3511fa
Typical perForMance characTerisTics
Maximum Frequency
vs Temperature
Minimum Frequency
vs Temperature
EN/UVLO Shutdown Threshold
vs Temperature
Boundary Mode Waveform
Light Load Discontinuous
Mode Waveform
EN/UVLO Pin (Hysteresis) Current
vs Temperature
EN/UVLO Pin Current
vs VEN/UVLO
EN/UVLO Threshold
vs Temperature
TA = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–50 –25
0
2
5
0
50
75
3511 G07
1
4
3
25
100
5
2
1
0
5
1
EN/UVLO = 1.2V
TEMPERATURE (°C)
–50
2.0
2.5
3.0
25
75
3511 G09
1.5
1.0
–25
0
5
2
1
0
5
1
0
0
1
0
5
0.5
0
VEN/UVLO VOLTAGE (V)
1
0
5
10
15
20
25
30
20
40
60
80
3511 G08
100
TEMPERATURE (°C)
–50 –25
0
400
1000
0
50
75
3511 G10
200
800
600
25
100
5
2
1
0
5
1
TEMPERATURE (°C)
–50 –25
0
40
100
0
50
75
3511 G11
20
80
60
25
100
5
2
1
0
5
1
TEMPERATURE (°C)
–50
0
0.1
0.3
0.4
0.5
50
0.9
3511 G14
0.2
0
–25
75 100
25
5
2
1
0
5
1
0.6
0.7
0.8
20V/DIV
1µs/DIV
3511 G12
20V/DIV
2µs/DIV
3511 G13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com