Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3574
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 2 Page - Linear Technology

  LT3574 Datasheet HTML 1Page - Linear Technology LT3574 Datasheet HTML 2Page - Linear Technology LT3574 Datasheet HTML 3Page - Linear Technology LT3574 Datasheet HTML 4Page - Linear Technology LT3574 Datasheet HTML 5Page - Linear Technology LT3574 Datasheet HTML 6Page - Linear Technology LT3574 Datasheet HTML 7Page - Linear Technology LT3574 Datasheet HTML 8Page - Linear Technology LT3574 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3511
2
3511fa
absoluTe MaxiMuM raTings
SW (Note 4) ............................................................150V
VIN, EN/UVLO..........................................................100V
RFB............................................................100V, VIN ±6V
BIAS...................................................................VIN, 20V
RREF, TC, VC ................................................................6V
Operating Junction Temperature Range (Note 2)
LT3511E, LT3511I............................... –40°C to 125°C
LT3511H............................................. –40°C to 150°C
LT3511MP.......................................... –55°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
(Note 1)
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 24V unless otherwise noted.
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3511EMS#PBF
LT3511EMS#TRPBF
3511
16-Lead Plastic MSOP
–40°C to 125°C
LT3511IMS#PBF
LT3511IMS#TRPBF
3511
16-Lead Plastic MSOP
–40°C to 125°C
LT3511HMS#PBF
LT3511HMS#TRPBF
3511
16-Lead Plastic MSOP
–40°C to 125°C
LT3511MPMS#PBF
LT3511MPMS#TRPBF
3511
16-Lead Plastic MSOP
–55°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
pin conFiguraTion
1
3
5
6
7
8
EN/UVLO
VIN
GND
BIAS
NC
GND
16
14
12
11
10
9
SW
RFB
RREF
TC
VC
GND
TOP VIEW
MS PACKAGE
16(12)-LEAD PLASTIC MSOP
θJA = 90°C/W
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
VIN = BIAS
l
6
4.5
100
15
V
V
Quiescent Current
Not Switching
VEN/UVLO = 0.2V
2.7
0
3.5
mA
µA
EN/UVLO Pin Threshold
EN/UVLO Pin Voltage Rising
l
1.15
1.21
1.27
V
EN/UVLO Pin Current
VEN/UVLO = 1.1V
VEN/UVLO = 1.4V
2.0
2.6
0
3.3
µA
µA
Maximum Switching Frequency
650
kHz
Maximum Current Limit
240
330
430
mA
Minimum Current Limit
35
60
90
mA
Switch VCESAT
ISW = 100mA
0.3
V
RREF Voltage
l
1.18
1.17
1.20
1.215
1.23
V
V
RREF Voltage Line Regulation
6V < VIN < 100V
0.01
0.03
%/V
RREF Pin Bias Current
(Note 3)
l
80
400
nA
Error Amplifier Voltage Gain
150
V/V
Error Amplifier Transconductance
∆I = 2µA
140
µmhos



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com