Electronic Components Datasheet Search
  English  ▼

X  

LT3574 Datasheet(PDF) 18 Page - Linear Technology

Part # LT3574
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3574 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT3574 Datasheet HTML 14Page - Linear Technology LT3574 Datasheet HTML 15Page - Linear Technology LT3574 Datasheet HTML 16Page - Linear Technology LT3574 Datasheet HTML 17Page - Linear Technology LT3574 Datasheet HTML 18Page - Linear Technology LT3574 Datasheet HTML 19Page - Linear Technology LT3574 Datasheet HTML 20Page - Linear Technology LT3574 Datasheet HTML 21Page - Linear Technology LT3574 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LT3511
18
3511fa
Choose a diode that is fast and has sufficient reverse
voltage breakdown:
VREVERSE > VIN(MAX)
Example:
VREVERSE > 72V
The diode needs to handle the peak switch current of the
switch which was determined to be 0.24A. A 100V, 0.6A
diode from Diodes Inc. (BAV19W) is chosen.
Step 7: Compensation.
Compensation will be optimized towards the end of the
design procedure. Connect a resistor and capacitor from
the VC node to ground. Use a 20k resistor and a 2.2nF
capacitor.
Step 8: Select RFB and RTC Resistors.
Use the following equations to choose starting values for
RFB and RTC. Set RREF to 10k.
RFB =
VOUT + VF + 0.55V
(
) •NPS •RREF
1.2V
RREF = 10k
RTC =
RFB
NPS
Example:
RFB =
15 + 0.5+ 0.55V
(
) • 2 • 10k
1.2V
= 267k
RTC =
267k
2
= 133k
Step 9: Adjust RFB based on output voltage.
Power up the application with application components
connected and measure the regulated output voltage.
Readjust RFB based on the measured output voltage.
RFB(NEW) =
VOUT
VOUT(MEAS)
• RFB(OLD)
Example:
RFB(NEW) =
15V
16.8V
• 267k = 237k
Step 10: Remove RTC and measure output voltage over
temperature.
Measure output voltage in a controlled temperature envi-
ronment like an oven to determine the output temperature
coefficient. Measure output voltage at a consistent load
current and input voltage, across the temperature range
of operation. This procedure will optimize line and load
regulation over temperature.
Calculate the temperature coefficient of VOUT:
ΔVOUT
ΔTemp
=
VOUT(HOT) – VOUT(COLD)
THOT(°C) – TCOLD(°C)
Example:
VOUT measured at 100mA and 48VIN
ΔVOUT
ΔTemp
=
15.70V – 15.37V
125°C – –50°C
(
)
= 1.9mV/°C
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com