Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3757
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 1 Page - Linear Technology

  LT3757 Datasheet HTML 1Page - Linear Technology LT3757 Datasheet HTML 2Page - Linear Technology LT3757 Datasheet HTML 3Page - Linear Technology LT3757 Datasheet HTML 4Page - Linear Technology LT3757 Datasheet HTML 5Page - Linear Technology LT3757 Datasheet HTML 6Page - Linear Technology LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LT3511
1
3511fa
Typical applicaTion
FeaTures
DescripTion
Monolithic High Voltage
Isolated Flyback Converter
TheLT®3511isahighvoltagemonolithicswitchingregula-
tor specifically designed for the isolated flyback topology.
No third winding or opto-isolator is required for regula-
tion as the part senses output voltage directly from the
primary-side flyback waveform. The device integrates a
240mA, 150V power switch, high voltage circuitry, and
control into a high voltage 16-lead MSOP package with
four leads removed.
The LT3511 operates from an input voltage range of 4.5V
to 100V and delivers up to 2.5W of isolated output power.
Two external resistors and the transformer turns ratio
easily set the output voltage. Off-the-shelf transformers
are available for several applications. The high level of
integrationandtheuseofboundarymodeoperationresults
in a simple, clean, tightly regulated application solution to
the traditionally tough problem of isolated power delivery.
Output Load and Line Regulation
48V to 5V Isolated Flyback Converter
applicaTions
n
4.5V to 100V Input Voltage Range
n
Internal 240mA, 150V Power Switch
n
Boundary Mode Operation
n
No Transformer Third Winding or
Opto-Isolator Required for Regulation
n
Improved Primary-Side Winding Feedback
Load Regulation
n
VOUT Set with Two External Resistors
n
BIAS Pin for Internal Bias Supply and Power
Switch Driver
n
No External Start-Up Resistor
n
16-Lead MSOP Package
n
Isolated Telecom Power Supplies
n
Isolated Auxiliary/Housekeeping Power Supplies
n
Isolated Industrial, Automotive and Medical Power
Supplies
L
, LT, LTC, LTM, Burst Mode, Linear Technology and the Linear logo are registered trademarks
and No RSENSE is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Protected by U.S. Patents, including 5438499, 7471522.
EN/UVLO
TC
RFB
RREF
SW
VC
GND BIAS
LT3511
3511 TA01a
69.8k
16.9k
VIN
36V TO 72V
VOUT+
5V
0.3A
VOUT–
4:1
1M
1µF
43.2k
19µH
300µH
22µF
3.3nF
4.7µF
10k
169k
•
•
VIN
LOAD CURRENT (mA)
0
4.75
4.85
4.95
5.05
50
100
150
200
3511 TA01b
250
5.15
5.25
4.80
4.90
5.00
5.10
5.20
300
VIN = 36V
VIN = 72V
VIN = 48V


Similar Part No. - LT3757

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757 Datasheet
514Kb / 32P
Wide Input Voltage Range
LT3757 LINER-LT3757 Datasheet
373Kb / 36P
PolyPhase Synchronous Boost Controller
LT3757 LINER-LT3757 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3757 LINER-LT3757 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
More results

Similar Description - LT3757

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3512 LINER-LT3512_11 Datasheet
236Kb / 24P
Monolithic High Voltage Isolated Flyback Converter
LT3511 LINER-LT3511_15 Datasheet
264Kb / 26P
Monolithic High Voltage Isolated Flyback Converter
LT3512 LINER-LT3512_15 Datasheet
313Kb / 26P
Monolithic High Voltage Isolated Flyback Converter
logo
Linear Integrated Syste...
LT8303ES5 LINEAR-LT8303ES5 Datasheet
32Kb / 1P
MICROPOWER NO-OPTO ISOLATED FLYBACK CONVERTER
logo
Linear Technology
LT8302 LINER-LT8302 Datasheet
556Kb / 6P
Micropower No-Opto Isolated Flyback Converter
LT8315 LINER-LT8315 Datasheet
505Kb / 6P
Offline Isolated Flyback Converter
logo
SHENZHEN FUMAN ELECTRON...
FM8101 FUMAN-FM8101 Datasheet
387Kb / 8P
No-start resistor, no VCC capacitor isolation flyback constant current driver chip
logo
Analog Devices
LT3001 AD-LT3001 Datasheet
565Kb / 10P
36V 4W No-Opto Isolated Flyback Converter
LT3002 AD-LT3002 Datasheet
799Kb / 12P
36V 10W No-Opto Isolated Flyback Converter
logo
Rohm
BD7F200HFN-LB ROHM-BD7F200HFN-LB_V01 Datasheet
1Mb / 30P
Isolated Flyback Converter
09.Dec.2022 Rev.004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com