Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 19 Page - Linear Technology

Part # LT3757
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
LT3511
19
3511fa
Step 11: Calculate new value for RTC.
RTC(NEW) =
RFB
NPS
• 1.85mV / °C
ΔVOUT
ΔTemp
Example:
RTC(NEW) =
237k
2
•
1.85
1.9
= 118k
Step 12: Place new value for RTC, measure VOUT, and
readjust RFB due to RTC change.
RFB(NEW) =
VOUT
VOUT(MEAS)
• RFB(OLD)
Example:
RFB(NEW) =
15V
15V
• 237k = 237k
Step 13: Verify new values of RFB and RTC over
temperature.
Measure output voltage over temperature with RTC
connected.
Step 14: Optimize compensation.
Now that values for RFB and RTC are fixed, optimize the
compensation. Compensation should be optimized for
transient response to load steps on the output. Check
transient response across the load range.
Example:
The optimal compensation for the application is:
RC = 22.1k, CC = 4.7nF
Step 15: Ensure minimum load.
Check minimum load requirement at maximum input
voltage. The minimum load occurs at the point where the
output voltage begins to climb up as the converter delivers
more energy than what is consumed at the output.
Example:
The minimum load at an input voltage of 72V is:
7mA
Step 16: EN/UVLO resistor values.
Determine amount of hysterysis required.
Voltage hysteresis = 2.6μA • R1
Example:
Choose 2V of hysteresis.
R1=
2V
2.6µA
= 768k
Determine UVLO Threshold.
VIN(UVLO,FALLING) =
1.2V • R1+R2
(
)
R2
R2 =
1.2V • R1
VIN(UVLO,FALLING) – 1.2V
Set UVLO falling threshold to 30V.
R2 =
1.2V • 768k
30V – 1.2V
= 32.4k
VIN(UVLO,FALLING) =
1.2V • R1+R2
(
)
R2
=
1.2V • 768k + 32.4k
(
)
32.4k
= 30V
VIN(UVLO,RISING) = VIN(UVLO,FALLING) + 2.6μA • R1 = 30V
+ 2.6μA • 768k = 32V
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com