Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 14 Page - Linear Technology

Part # LT3757
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology LT3757 Datasheet HTML 16Page - Linear Technology LT3757 Datasheet HTML 17Page - Linear Technology LT3757 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
LT3511
14
3511fa
Selecting RFB and RREF Resistor Values
The following section provides an equation for setting
RFB and RREF values. The equation should only serve
as a guide. Follow the procedure outlined in the Design
Procedure to set accurate values for RFB, RREF and RTC
using the iterative design procedure.
Rearrangement of the expression for VOUTintheTempera-
ture Compensation section, developed in the Operations
section, yields the following expression for RFB:
RFB =
RREF • NPS VOUT + VF
(
)+ VTC
⎡⎣
⎤⎦
VBG
where:
VOUT = Output voltage
VF = Switching diode forward voltage
NPS = Effective primary-to-secondary turns ratio
VTC = 0.55V
This equation assumes:
RTC =
RFB
NPS
The equation assumes the temperature coefficients of
the diode and VTC are equal, which is a good first order
approximation.
Strictly speaking, the above equation defines RFBnotasan
absolute value, but as a ratio of RREF. So the next question
is, what is the proper value for RREF? The answer is that
RREFshouldbeapproximately10k.TheLT3511istrimmed
and specified using this value of RREF. If the impedance of
RREF varies considerably from 10k, additional errors will
result. However, a variation in RREF of several percent is
acceptable. This yields a bit of freedom in selecting stan-
dard 1% resistor values to yield nominal RFB/RREF ratios.
Undervoltage Lockout (UVLO)
A resistive divider from VIN to the EN/UVLO pin imple-
ments undervoltage lockout (UVLO). Figure 7 shows this
configuration. The EN/UVLO pin threshold is set at 1.21V.
In addition, the EN/UVLO pin draws 2.6μA when the volt-
age at the pin is below 1.21V. This current provides user
programmable hysteresis based on the value of R1. The
effective UVLO thresholds are:
VIN(UVLO,RISING) =
1.2V • R1+R2
(
)
R2
+ 2.6µA • R1
VIN(UVLO,FALLING) =
1.2V • R1+R2
(
)
R2
Figure 7 also shows the implementation of external shut-
down control while still using the UVLO function. The
NMOS grounds the EN/UVLO pin when turned on, and
puts the LT3511 in shutdown with quiescent current draw
of less than 1μA.
Minimum Load Requirement
The LT3511 recovers output voltage information using the
flyback pulse. The flyback pulse occurs once the switch
turns off and the secondary winding conducts current. In
order to regulate the output voltage, the LT3511 needs to
sample the flyback pulse. The LT3511 delivers a minimum
amount of energy even during light load conditions to
ensureaccurateoutputvoltageinformation.Theminimum
delivery of energy creates a minimum load requirement
of 10mA to 15mA depending on the specific application.
Verify minimum load requirements for each application.
A Zener diode with a Zener breakdown of 20% higher
than the output voltage can serve as a minimum load if
pre-loading is not acceptable. For a 5V output, use a 6V
Zener with cathode connected to the output.
LT3511
EN/UVLO
GND
R2
R1
VIN
3511 F07
RUN/STOP
CONTROL
(OPTIONAL)
Figure 7. Undervoltage Lockout (UVLO)
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com