Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 11 Page - Linear Technology

Part # LT3757
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3757 Datasheet HTML 7Page - Linear Technology LT3757 Datasheet HTML 8Page - Linear Technology LT3757 Datasheet HTML 9Page - Linear Technology LT3757 Datasheet HTML 10Page - Linear Technology LT3757 Datasheet HTML 11Page - Linear Technology LT3757 Datasheet HTML 12Page - Linear Technology LT3757 Datasheet HTML 13Page - Linear Technology LT3757 Datasheet HTML 14Page - Linear Technology LT3757 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
LT3511
11
3511fa
applicaTions inForMaTion
Turns Ratio
Note that when using an RFB/RREF resistor ratio to set
output voltage, the user has relative freedom in selecting
a transformer turns ratio to suit a given application. In
contrast, the use of simple ratios of small integers, e.g.,
1:1, 2:1, 3:2, provides more freedom in setting total turns
and mutual inductance.
Typically, choose the transformer turns to maximize avail-
able output power. For low output voltages (3.3V or 5V), a
N:1 turns ratio can be used with multiple primary windings
relative to the secondary to maximize the transformer’s
current gain (and output power). However, remember that
the SW pin sees a voltage that is equal to the maximum
input supply voltage plus the output voltage multiplied by
the turns ratio. In addition, leakage inductance will cause
a voltage spike (VLEAKAGE) on top of this reflected voltage.
This total quantity needs to remain below the absolute
maximum rating of the SW pin to prevent breakdown of
the internal power switch. Together these conditions place
an upper limit on the turns ratio, N, for a given application.
Choose a turns ratio low enough to ensure:
N <
150V – VIN(MAX) – VLEAKAGE
VOUT + VF
For larger N:1 values, a transformer with a larger physical
size is needed to deliver additional current and provide a
large enough inductance value to ensure that the off-time
is long enough to accurately measure the output voltage.
For larger N:1 values, choose a transformer with a larger
physical size to deliver additional current. In addition,
choose a large enough inductance value to ensure that
the off-time is long enough to measure the output voltage.
For lower output power levels, choose a 1:1 or 1:N trans-
former for the absolute smallest transformer size. A 1:N
transformer will minimize the magnetizing inductance
(and minimize size), but will also limit the available output
power. A higher 1:N turns ratio makes it possible to have
veryhighoutputvoltageswithoutexceedingthebreakdown
voltage of the internal power switch.
The turns ratio is an important element in the isolated
feedbackscheme.Makesurethetransformermanufacturer
guarantees turns ratio accuracy within ±1%.
Saturation Current
The current in the transformer windings should not ex-
ceed its rated saturation current. Energy injected once the
core is saturated will not be transferred to the secondary
and will instead be dissipated in the core. Information on
saturation current should be provided by the transformer
manufacturers. Table 1 lists the saturation current of the
transformers designed for use with the LT3511.
Primary Inductance Requirements
The LT3511 obtains output voltage information from the
reflected output voltage on the switch pin. The conduction
of secondary winding current reflects the output voltage
on the primary. The sampling circuitry needs a minimum
of 400ns to settle and sample the reflected output voltage.
Inordertoensurepropersampling,thesecondarywinding
needs to conduct current for a minimum of 400ns. The fol-
lowing equation gives the minimum value for primaryside
magnetizing inductance:
LPRI ≥
tOFF(MIN) • NPS • VOUT + VF
(
)
IPEAK(MIN)
tOFF(MIN) = 400ns
IPEAK(MIN) = 55mA
Leakage Inductance and Clamp Circuits
Transformer leakage inductance (on either the primary or
secondary) causes a voltage spike to appear at the primary
after the output switch turns off. This spike is increasingly
prominent at higher load currents where more stored en-
ergy must be dissipated. When designing an application,
adequate margin should be kept for the effect of leakage
voltage spikes. In most cases the reflected output voltage
on the primary plus VIN should be kept below 100V. This
leaves at least 50V of margin for the leakage spike across
line and load conditions. A larger voltage margin will be
needed for poorly wound transformers or for excessive
leakageinductance.Figure5illustratesthispoint.Minimize
transformer leakage inductance.
A clamp circuit is recommended for most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com