Electronic Components Datasheet Search
  English  ▼

X  

LT3757 Datasheet(PDF) 23 Page - Linear Technology

Part # LT3757
Description  Monolithic High Voltage Isolated Flyback Converter No External Start-Up Resistor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3757 Datasheet(HTML) 23 Page - Linear Technology

Back Button LT3757 Datasheet HTML 18Page - Linear Technology LT3757 Datasheet HTML 19Page - Linear Technology LT3757 Datasheet HTML 20Page - Linear Technology LT3757 Datasheet HTML 21Page - Linear Technology LT3757 Datasheet HTML 22Page - Linear Technology LT3757 Datasheet HTML 23Page - Linear Technology LT3757 Datasheet HTML 24Page - Linear Technology LT3757 Datasheet HTML 25Page - Linear Technology LT3757 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LT3511
23
3511fa
12V to ±70V Isolated Flyback Converter
48V to 3.3V Non-Isolated Flyback Converter
48V to 12V Isolated Flyback Converter
3511 TA07
R5
191k
VIN
8V TO 20V
VOUT1+
70V
4mA
VOUT1–
1:5:5 D1
R1
1M
R2
562k
C1
2.2µF
C4
0.47µF
C5
0.47µF
T1
80µH
R4
10k
R3
105k
R6
90k
C2
6.8nF
C3
4.7µF
D3
Z1
VOUT2+
4mA
VOUT2–
–70V
D2
EN/UVLO
TC
VC
GND
BIAS
LT3511
VIN
SW
RFB
RREF
C1: MURATA GRM21BR71E225KA73B
C3: TAIYO YUDEN EMK212B7475KG
C4, C5: NIPPON CHEMI-CON KTS251B474M43N0T00
D1, D2: CENTRAL SEMI CRM1U-06M
D3: DIODES INC. BAV19W
T1: WÜRTH 750311692
Z1: NXP BZX100A
3511 TA09
R5
1M
VIN
36V TO 72V
VOUT
3.3V
0.4A
VOUT–
6:1
D1
R1
1M
R2
43.2k
C1
1µF
C4
47µF
T1
400µH
11µH
R4
5k
R3
1M
R6
8k
C2
4.7nF
C3
4.7µF
D2
VOUT
8.66k
EN/UVLO
TC
VC
GND
BIAS
LT3511
VIN
SW
RFB
RREF
Z1
C1: TAIYO YUDEN HMK316B7105KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: TAIYO YUDEN LMK325B7476MM-TR
D1: DIODES INC. SBR2A30P1
D2: DIODES INC. BAV19W
T1: WÜRTH 750311019
Z1: ON SEMI MMSZ5266BT1G
3511 TA10
R5
143k
VIN
36V TO 72V
VOUT+
12V
0.1A
VOUT–
2:1
D1
R1
1M
R2
43.2k
C1
1µF
C4
4.7µF
T1
300µH
75µH
R4
10k
R3
191k
R6
15k
C2
6.8nF
C3
4.7µF
D2
EN/UVLO
TC
VC
GND
BIAS
LT3511
VIN
SW
RFB
RREF
Z1
C1: TAIYO YUDEN HMK316B7105KL-T
C3: TAIYO YUDEN EMK212B7475KG
C4: MURATA GRM31CR71H475KA12
D1: DIODES INC. SBR0560S1
D2: DIODES INC. BAV19W
T1: SUMIDA 10396-T022
Z1: ON SEMI MMSZ5266BT1G
Typical applicaTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com