Electronic Components Datasheet Search
  English  ▼

X  

AD9837 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9837
Description  Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9837 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9837 Datasheet HTML 3Page - Analog Devices AD9837 Datasheet HTML 4Page - Analog Devices AD9837 Datasheet HTML 5Page - Analog Devices AD9837 Datasheet HTML 6Page - Analog Devices AD9837 Datasheet HTML 7Page - Analog Devices AD9837 Datasheet HTML 8Page - Analog Devices AD9837 Datasheet HTML 9Page - Analog Devices AD9837 Datasheet HTML 10Page - Analog Devices AD9837 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD9837
Rev. 0 | Page 7 of 2
0
2
4
6
8
1012
14
1618
MCLK FREQUENCY (MHz)
TYPICAL PERFORMANCE CHARACTERISTICS
5.0
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
VDD = 5V
VDD = 3V
Figure 5. Typical Current Consumption (IDD) vs. MCLK Frequency
for fOUT = MCLK/10
4.5
4.4
4.3
4.2
4.1
4.0
3.9
3.8
–98
–104
–103
–102
–101
–100
–99
0
246
8
18
16
14
12
10
MCLK FREQUENCY (MHz)
Figure 8. Narrow-Band SFDR vs. MCLK Frequency,
fOUT = MCLK/50 to ±200 kHz
–50
–55
–60
–65
–70
1
3
5
7
9
11
13
15
MCLK FREQUENCY (MHz)
1
10
100
1000
OUTPUT FREQUENCY (kHz)
VDD = 3V
VDD = 5V
Figure 6. Typical IDD vs. Output Frequency for fMCLK = 5 MHz
4.9
4.4
4.8
4.7
4.6
4.5
4.3
4.2
4.1
4.0
MCLK/7
MCLK/50
–56
–70
0
2
4
6
8
1012
14
1618
MCLK FREQUENCY (MHz)
–68
–66
–64
–62
–60
–58
Figure 9. Wideband SFDR vs. MCLK Frequency
Figure 10. SNR vs. MCLK Frequency
1
10
100
1k
10k
OUTPUT FREQUENCY (kHz)
VDD = 3V
VDD = 5V
Figure 7. Typical IDD vs. Output Frequency for fMCLK = 16 MHz
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com