Electronic Components Datasheet Search
  English  ▼

X  

AD9837 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9837
Description  Low Power, 8.5 mW, 2.3 V to 5.5 V, Programmable Waveform Generator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9837 Datasheet(HTML) 1 Page - Analog Devices

  AD9837 Datasheet HTML 1Page - Analog Devices AD9837 Datasheet HTML 2Page - Analog Devices AD9837 Datasheet HTML 3Page - Analog Devices AD9837 Datasheet HTML 4Page - Analog Devices AD9837 Datasheet HTML 5Page - Analog Devices AD9837 Datasheet HTML 6Page - Analog Devices AD9837 Datasheet HTML 7Page - Analog Devices AD9837 Datasheet HTML 8Page - Analog Devices AD9837 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Low Power, 8.5 mW, 2.3 V to 5.5 V,
Programmable Waveform Generator
AD9837
Rev. 0
Informatio
responsibi
rightsofth
license is g
Trademar
U.S.A.
.com
served.
n furnished by Analog Devices is believed to be accurate and reliable. However, no
lityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
irdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
ranted by implication or otherwise under any patent or patent rights of Analog Devices.
ksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106,
Tel: 781.329.4700
www.analog
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights re
FEATURES
Digitally programmable frequency and phase
8.5 mW power consumption at 2.3 V
MCLK speed: 16 MHz (B grade), 5 MHz (A grade)
28-bit resolution: 0.06 Hz at 16 MHz reference clock
Sinusoidal, triangular, and square wave outputs
2.3 V to 5.5 V power supply
3-wire SPI interface
Extended temperature range: −40°C to +125°C
Power-down option
10-lead LFCSP
APPLICATIONS
Frequency stimulus/waveform generation
Liquid and gas flow measurement
Sensory applications: proximity, motion,
and defect detection
Line loss/attenuation
Test and medical equipment
Sweep/clock generators
Time domain reflectometry (TDR) applications
GENERAL DESCRIPTION
The AD9837 is a low power, programmable waveform generator
capable of producing sine, triangular, and square wave outputs.
Waveform generation is required in various types of sensing,
actuation, and time domain reflectometry (TDR) applications.
The output frequency and phase are software programmable,
allowing easy tuning. The frequency registers are 28 bits wide:
with a 16 MHz clock rate, resolution of 0.06 Hz can be achieved;
with a 5 MHz clock rate, the AD9837 can be tuned to 0.02 Hz
resolution.
The AD9837 is written to via a 3-wire serial interface. This serial
interface operates at clock rates up to 40 MHz and is compatible
with DSP and microcontroller standards. The device operates
with a power supply from 2.3 V to 5.5 V.
The AD9837 has a power-down (sleep) function. Sections of the
device that are not being used can be powered down to minimize
the current consumption of the part. For example, the DAC can
be powered down when a clock output is being generated.
The AD9837 is available in a 10-lead LFCSP_WD package.
FUNCTIONAL BLOCK DIAGRAM
SERIAL INTERFACE
AND
CONTROL LOGIC
SCLK
SDATA
FSYNC
16-BIT CONTROL REGISTER
12-BIT PHASE1 REG
12-BIT PHASE0 REG
MUX
SIN
ROM
10-BIT DAC
MUX
12
ON-BOARD
REFERENCE
AGND
DGND
VDD
PHASE
ACCUMULATOR
(28-BIT)
REGULATOR
CAP/2.5V
2.5V
AVDD/
DVDD
MUX
DIVIDE
BY 2
MSB
MUX
FULL-SCALE
CONTROL
AD9837
COMP
VOUT
R
200Ω
MCLK
28-BIT FREQ1 REG
28-BIT FREQ0 REG
Figure 1.


Similar Part No. - AD9837

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9837 AD-AD9837 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
AD9837ACPZ-RL AD-AD9837ACPZ-RL Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
AD9837ACPZ-RL7 AD-AD9837ACPZ-RL7 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
AD9837BCPZ-RL AD-AD9837BCPZ-RL Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
AD9837BCPZ-RL7 AD-AD9837BCPZ-RL7 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results

Similar Description - AD9837

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9834 AD-AD9834 Datasheet
236Kb / 20P
Low Power, 2.3 V to 5.5 V, 50 MHz Complete DDS
AD9838 AD-AD9838 Datasheet
620Kb / 32P
11 mW Power, 2.3 V to 5.5 V, Complete DDS Power-down option
REV. A
AD9834 AD-AD9834_10 Datasheet
394Kb / 32P
20 mW Power, 2.3 V to 5.5 V,75 MHz Complete DDS
REV. B
AD9834BRUZ AD-AD9834BRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9834CRUZ AD-AD9834CRUZ Datasheet
992Kb / 36P
20 mW Power, 2.3 V to 5.5 V, 75 MHz Complete DDS
REV. C
AD9833SRMZ-EP-RL7 AD-AD9833SRMZ-EP-RL7 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V Programmable Waveform Generator
Rev. E
AD9833 AD-AD9833_15 Datasheet
694Kb / 24P
Low Power, 12.65 mW, 2.3 V to 5.5 V
Rev. E
AD9834 AD-AD9834_15 Datasheet
551Kb / 32P
20 mW Power, 2.3 V to 5.5 V
Rev. D
AD9833 AD-AD9833_18 Datasheet
423Kb / 21P
Programmable Waveform Generator
4/2018-Rev. E to Rev. F
AD9837 AD-AD9837_12 Datasheet
755Kb / 28P
Programmable Waveform Generator
12/12-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com