Electronic Components Datasheet Search
  English  ▼

X  

ADIS16210PCBZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADIS16210PCBZ
Description  Precision Triaxial Inclinometer and Accelerometer with SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16210PCBZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADIS16210PCBZ Datasheet HTML 4Page - Analog Devices ADIS16210PCBZ Datasheet HTML 5Page - Analog Devices ADIS16210PCBZ Datasheet HTML 6Page - Analog Devices ADIS16210PCBZ Datasheet HTML 7Page - Analog Devices ADIS16210PCBZ Datasheet HTML 8Page - Analog Devices ADIS16210PCBZ Datasheet HTML 9Page - Analog Devices ADIS16210PCBZ Datasheet HTML 10Page - Analog Devices ADIS16210PCBZ Datasheet HTML 11Page - Analog Devices ADIS16210PCBZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADIS16210
Rev. A | Page 8 of 20
USER REGISTER MAP
Figure 10 provides a diagram of the dual memory structure
used to manage operation and store user settings. Writing con-
figuration data to a control register updates its SRAM contents,
which are volatile.
Most of the user registers have mirror locations in flash memory
(see Table 8, for “yes” in the Flash Backup column). Use the
manual flash backup command in GLOB_CMD[6] (DIN =
0xBE40) to save these settings into the nonvolatile flash memory.
The flash backup process requires a valid power supply level and
zero SPI communication for the entire 28 ms process time.
NONVOLATILE
FLASH MEMORY
(NO SPI ACCESS)
MANUAL
FLASH
BACKUP
START-UP
RESET
VOLATILE
SRAM
SPI ACCESS
Figure 10. SRAM and Flash Memory Diagram
Table 8. User Register Memory Map1
Name
R/W
Flash Backup
Address
Size (Bytes)
Function
Reference
FLASH_CNT
R
Yes
0x00
2
Diagnostics, flash write counter (16-bit binary)
Table 37
SUPPLY_OUT
R
No
0x02
2
Output, power supply
Table 20
XACCL_OUT
R
No
0x04
2
Output, x-axis acceleration
Table 9
YACCL_OUT
R
No
0x06
2
Output, y-axis acceleration
Table 10
ZACCL_OUT
R
No
0x08
2
Output, z-axis acceleration
Table 11
TEMP_OUT
R
No
0x0A
2
Output, internal temperature
Table 18
XINCL_OUT
R
No
0x0C
2
Output, ±180° x-axis inclination
Table 13
YINCL_OUT
R
No
0x0E
2
Output, ±180° y-axis inclination
Table 14
ZINCL_OUT
R
No
0x10
2
Output, ±180° z-axis inclination
Table 15
XACCL_NULL
R/W
Yes
0x12
2
Calibration, x-axis acceleration offset null
Table 24
YACCL_NULL
R/W
Yes
0x14
2
Calibration, y-axis acceleration offset null
Table 25
ZACCL_NULL
R/W
Yes
0x16
2
Calibration, z-axis acceleration offset null
Table 26
0x18 to 0x1F
8
Reserved, do not write to these locations
ALM_MAG_X
R/W
Yes
0x20
2
Alarm, x-axis amplitude threshold
Table 39
ALM_MAG_Y
R/W
Yes
0x22
2
Alarm, y-axis amplitude threshold
Table 40
ALM_MAG_Z
R/W
Yes
0x24
2
Alarm, z-axis amplitude threshold
Table 41
ALM_MAG_S
R/W
Yes
0x26
2
Alarm, system alarm threshold
Table 42
ALM_SMPL_X
R/W
Yes
0x28
2
Alarm, x-axis sample period
Table 43
ALM_SMPL_Y
R/W
Yes
0x2A
2
Alarm, y-axis sample period
Table 44
ALM_SMPL_Z
R/W
Yes
0x2C
2
Alarm, z-axis sample period
Table 45
ALM_CTRL
R/W
Yes
0x2E
2
Operation, alarm control
Table 38
0x30
2
Reserved
GPIO_CTRL
R/W
Yes
0x32
2
Operation, general I/O configuration and data
Table 31
MSC_CTRL
R/W
Yes
0x34
2
Operation, orientation mode
Table 27
DIO_CTRL
R/W
Yes
0x36
2
Operation, digital I/O configuration and data
Table 30
AVG_CNT
R/W
Yes
0x38
2
Operation, decimation filter configuration
Table 22
SLP_CNT
R/W
Yes
0x3A
2
Operation, sleep count
Table 29
DIAG_STAT
R
No
0x3C
2
Diagnostics, system status register
Table 36
GLOB_CMD
W
No
0x3E
2
Operation, system command register
Table 28
0x40 to 0x51
16
Reserved
LOT_ID1
R
N/A
0x52
2
Lot identification, Code 1
Table 32
LOT_ID2
R
N/A
0x54
2
Lot identification, Code 2
Table 33
PROD_ID
R
N/A
0x56
2
Production identification number
Table 34
SERIAL_NUM
R
N/A
0x58
2
Serial number
Table 35
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com