Electronic Components Datasheet Search
  English  ▼

X  

ADIS16210PCBZ Datasheet(PDF) 17 Page - Analog Devices

Part # ADIS16210PCBZ
Description  Precision Triaxial Inclinometer and Accelerometer with SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16210PCBZ Datasheet(HTML) 17 Page - Analog Devices

Back Button ADIS16210PCBZ Datasheet HTML 12Page - Analog Devices ADIS16210PCBZ Datasheet HTML 13Page - Analog Devices ADIS16210PCBZ Datasheet HTML 14Page - Analog Devices ADIS16210PCBZ Datasheet HTML 15Page - Analog Devices ADIS16210PCBZ Datasheet HTML 16Page - Analog Devices ADIS16210PCBZ Datasheet HTML 17Page - Analog Devices ADIS16210PCBZ Datasheet HTML 18Page - Analog Devices ADIS16210PCBZ Datasheet HTML 19Page - Analog Devices ADIS16210PCBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADIS16210
Rev. A | Page 17 of 20
APPLICATIONS INFORMATION
INTERFACE BOARD
The ADIS16210/PCBZ provides the ADIS16210CMLZ on a
small printed circuit board (PCB) that simplifies the connection
to an existing processor system. This PCB provides a silkscreen
for proper placement and four mounting holes, which have
threads for M2 × 0.4 mm machine screws. The second set of
mounting holes on the interface boards are in the four corners
of the PCB and provide clearance for 4-40 machine screws. The
third set of mounting holes provides a pattern that matches the
ADISUSBZ evaluation system, using M2 × 0.4mm × 4 mm
machine screws. These boards are made of IS410 material and
are 0.063 inches thick.
J1 is a 16-pin connector, in a dual row, 2 mm geometry, which
enables simple connection to a 1 mm ribbon cable system. For
example, use Molex P/N 87568-1663 for the mating connector
and 3M P/N 3625/16 for the ribbon cable. The LEDs (D1 and
D2) are not populated, but the pads are available to install to
provide a visual representation of the DIO1 and DIO2 signals.
The pads accommodate Chicago Miniature Lighting Part No.
CMD28-21VRC/TR8/T1, which works well when R1 and R2
are approximately 400 Ω (0603 pad sizes).
MATING CONNECTOR
The mating connector for the ADIS16210, J2, is AVX P/N
04-6288-015-000-846. Figure 25 provides a close-up view of
this connector, which clamps down on the flex to press its metal
pads onto the metal pads inside of the mating connector.
ADIS16210A1 PACKAGE PIN OUT
Figure 23. Electrical Schematic
40.6mm
2.9mm
Figure 24. PCB Assembly View and Dimensions
MATING
CONNECTOR
SLIDER
SLIDER
LOCKING
DIRECTION
ADIS16210
FLEX CABLE
Figure 25. Mating Connector Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com