Electronic Components Datasheet Search
  English  ▼

X  

ADIS16210PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # ADIS16210PCBZ
Description  Precision Triaxial Inclinometer and Accelerometer with SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16210PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button ADIS16210PCBZ Datasheet HTML 10Page - Analog Devices ADIS16210PCBZ Datasheet HTML 11Page - Analog Devices ADIS16210PCBZ Datasheet HTML 12Page - Analog Devices ADIS16210PCBZ Datasheet HTML 13Page - Analog Devices ADIS16210PCBZ Datasheet HTML 14Page - Analog Devices ADIS16210PCBZ Datasheet HTML 15Page - Analog Devices ADIS16210PCBZ Datasheet HTML 16Page - Analog Devices ADIS16210PCBZ Datasheet HTML 17Page - Analog Devices ADIS16210PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADIS16210
Rev. A | Page 14 of 20
SYSTEM TOOLS
The ADIS16210 provides control registers for the following
system level functions: global commands (including self test),
input/output functions, device identification, status/error flags,
and flash memory management.
GLOBAL COMMANDS
The GLOB_CMD register (Table 28) provides an array of single
write commands. Set the assigned bit to 1 to activate each func-
tion. Proper execution of each command depends on the power
supply being within normal limits and no SPI communication,
during the process times listed in Table 28.
Table 28. GLOB_CMD (Base Address = 0x3E), Write Only
Bits
Description
Process Time1
[15:8]
Not used
N/A2
[7]
Software reset
33.7 ms
[6]
User register save to flash memory
28.0 ms
[5]
Flash memory test
31.3 ms
[4]
Clear DIAG_STAT register
93 μs
[3]
Restore factory default configuration
68.6 ms
[2]
Self test
53.7 ms
[1]
Power-down
N/A2
[0]
Not used
N/A2
1 This indicates the typical duration of time between the command write and
the device returning to normal operation.
2 N/A means not applicable.
Software Reset
Set GLOB_CMD[7] = 1 (DIN = 0xBE80) to execute an internal
reset, which flushes all data and restores the register values to
the values that are stored in nonvolatile flash memory.
User Register Save to Flash Memory
Set GLOB_CMD[6] = 1 (DIN = 0xBE40) to back up all of the
current register settings into nonvolatile flash memory.
Flash Memory Test
Set GLOB_CMD[5] = 1 (DIN = 0xBE20) to execute the internal
flash memory test routine, which computes a check sum verifi-
cation of all flash memory locations that are not configurable
through user commands.
Self Test
Set GLOB_CMD[2] = 1 (DIN = 0xBE04) to execute an internal
test routine that exercises the sensors and signal processing circuit,
then writes the pass/fail result to Bit 5 of the DIAG_STAT register.
Power-Down
Set GLOB_CMD[1] = 1 (DIN = 0xBE02) to put the device into
sleep mode. Use the SLP_CNT register to establish the duration
of the sleep period. For example, set SLP_CNT[7:0] = 0x64
(DIN = 0xBA64) to set the sleep period to 50 seconds. Set
SLP_CNT[7:0] = 0x00 (DIN = 0xBA00) to establish the sleep
period as indefinite. Indefinite sleep mode requires one of the
three actions to wake up: negative assertion of the CS line (22.3 ms
wake-up time), a negative assertion of the RST line (33.8 ms
recovery time), or a power cycle (156 ms start-up time).
Table 29. SLP_CNT (Base Address = 0x3A), Read/Write
Bits
Description (Default = 0x0000)
[15:8]
Not used
[7:0]
Binary, sleep time, 0.5 seconds/LSB
0x00 = indefinite sleep mode
INPUT/OUTPUT FUNCTIONS
The DIO_CTRL register (Table 30) provides configuration
control options for the two digital I/O lines. Bits[5:4] and Bit 1
assign the function and active polarity for DIO2. Bits[3:2] and
Bit 0 assigned the function and polarity for DIO1.
Table 30. DIO_CTRL (Base Address = 0x36), Read/Write
Bits
Value
Description (Default = 0x0007)
[15:6]
Not used
[5:4]
DIO2 function selection
00
General-purpose
01
Data ready
10
Alarm indicator
11
Busy signal
[3:2]
DIO1 function selection
00
General-purpose
01
Data ready
10
Alarm indicator
11
Busy signal
[1]
DIO2 polarity
1
Active high
0
Active low
[0]
DIO1 polarity
1
active high
0
active low
Data Ready Indicator
The data ready signal pulses to its inactive state when loading
fresh data into the output registers, then back to its active state
when the register update process completes, as shown in Figure 21,
which shows the factory default operation. Set DIO_CTRL[7:0] =
0x13 (DIN = 0xB613) to change the data ready assignment to
DIO2 with a positive polarity.
ACTIVE
INACTIVE
DIO1
Figure 21. Data Ready Operation, DIO_CTRL[7:0] = 0x05
Alarm Indicator
Set DIO_CTRL[7:0] = 0x27 (DIN = 0xB627) to configure DIO2 as
an alarm indicator with an active high polarity. The alarm indicator
transitions to its active state when the acceleration or system data
exceeds the threshold settings in the ALM_MAG_x registers. Set
GLOB_CMD[4] = 1 (DIN = 0xBF10) to clear the DIAG_STAT
error flags and restore the alarm indicator to its inactive state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com