Electronic Components Datasheet Search
  English  ▼

X  

ADIS16210PCBZ Datasheet(PDF) 16 Page - Analog Devices

Part # ADIS16210PCBZ
Description  Precision Triaxial Inclinometer and Accelerometer with SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16210PCBZ Datasheet(HTML) 16 Page - Analog Devices

Back Button ADIS16210PCBZ Datasheet HTML 12Page - Analog Devices ADIS16210PCBZ Datasheet HTML 13Page - Analog Devices ADIS16210PCBZ Datasheet HTML 14Page - Analog Devices ADIS16210PCBZ Datasheet HTML 15Page - Analog Devices ADIS16210PCBZ Datasheet HTML 16Page - Analog Devices ADIS16210PCBZ Datasheet HTML 17Page - Analog Devices ADIS16210PCBZ Datasheet HTML 18Page - Analog Devices ADIS16210PCBZ Datasheet HTML 19Page - Analog Devices ADIS16210PCBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADIS16210
Rev. A | Page 16 of 20
ALARMS
There are four independent alarms, which provide trigger level
and polarity controls. The ALM_CTRL register (Table 38) provides
individual settings for data source selection (Bits[7:4]), static and
dynamic comparison (Bits[14:12]), trigger direction/polarity
(Bits[11:8]), and alarm enable (Bits[3:0]).
Table 38. ALM_CTRL (Base Address = 0x2E), Read/Write
Bits
Description (Default = 0x0000)
[15]
Not used
[14]
Alarm Z, dynamic control
1 = dynamic, 0 = static
[13]
Alarm Y, dynamic control
1 = dynamic, 0 = static
[12]
Alarm X, dynamic control
1 = dynamic, 0 = static
[11]
Alarm S, comparison polarity
1 = SUPPLY_OUT/TEMP_OUT > ALM_MAG_S
0 = SUPPLY_OUT/TEMP_OUT < ALM_MAG_S
[10]
Alarm Z, comparison polarity
1 = ZACCL_OUT/ZINCL_OUT > ALM_MAG_Z
0 = ZACCL_OUT/ZINCL_OUT < ALM_MAG_Z
[9]
Alarm Y, comparison polarity
1 = YACCL_OUT/YINCL_OUT > ALM_MAG_Y
0 = YACCL_OUT/YINCL_OUT < ALM_MAG_Y
[8]
Alarm X, comparison polarity
1 = XACCL_OUT/XINCL_OUT > ALM_MAG_X
0 = XACCL_OUT/XINCL_OUT < ALM_MAG_X
[7]
Alarm S, source selection
1 = SUPPLY_OUT, 0 = TEMP_OUT
[6]
Alarm Z, source selection
1 = ZINCL_OUT, 0 = ZACCL_OUT
[5]
Alarm Y, source selection
1 = YINCL_OUT, 0 = YACCL_OUT
[4]
Alarm X, source selection
1 = XINCL_OUT, 0 = XACCL_OUT
[3]
Alarm S, enable
1 = enabled, 0 = disabled
[2]
Alarm Z, enable
1 = enabled, 0 = disabled
[1]
Alarm Y, enable
1 = enabled, 0 = disabled
[0]
Alarm X, enable
1 = enabled, 0 = disabled
SYSTEM ALARM
The system alarm monitors either power supply or internal tem-
perature, according to the user selections in ALM_CTRL[11],
ALM_CTRL[7], ALM_CTRL[3], and the ALM_MAG_S register in
Table 42. For example, set ALM_CTRL = 0x0008 (DIN = 0xA900,
0xA808) and ALM_MAG_S = 0x533 (DIN = 0xA705, 0xA633)
to disable all three inertial alarms and configure the system alarm
active when TEMP_OUT < 0°C.
STATIC ALARMS
The static alarm setting enables the ADIS16210 to compare the
data source (ALM_CTRL[6:4]) with the corresponding values
in the ALM_MAG_x registers (Table 39, Table 40, and Table 41)
using the trigger direction/polarity settings in ALM_CTRL[10:8].
For example, if ALM_CTRL[10] = 0, ALM_CTRL[6] = 1, and
ALM_MAG_Z = 0x2000, then Alarm Z becomes active when
ZINCL_OUT is less than 0x2000, or 45°.
DYNAMIC ALARMS
The dynamic alarm setting monitors the data selection for a
rate-of-change comparison. The rate-of-change comparison is
represented by the magnitude in the ALM_MAG_x registers
(Table 39, Table 40, and Table 41), divided by the time in the
ALM_SMPL_x registers (Table 43, Table 44, Table 45).
For example, if ALM_CTRL[9] = 1, ALM_CTRL[5] = 0,
ALM_MAG_Y = 0x4000, and ALM_SMPL_Y = 0x0064, then
Alarm Y (DIAG_STAT[9]) becomes active when YACCL_OUT
changes by more than +1 g over 100 samples. The AVG_CNT
register (Table 22) establishes the time for each sample.
Table 39. ALM_MAG_X (Base Address = 0x20), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Same data format as ZACCL_OUT or ZINCL_OUT,
according to the setting in ALM_CTRL[4]
Table 40. ALM_MAG_Y (Base Address = 0x22), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Same data format as ZACCL_OUT or ZINCL_OUT,
according to the setting in ALM_CTRL[5]
Table 41. ALM_MAG_Z (Base Address = 0x24), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Same data format as ZACCL_OUT or ZINCL_OUT,
according to the setting in ALM_CTRL[6]
Table 42. ALM_MAG_S (Base Address =0x26), Read/Write
Bits
Description (Default = 0x0000)
[15:0]
Same data format as SUPPLY_OUT or TEMP_OUT,
according to the setting in ALM_CTRL[7]
Table 43. ALM_SMPL_X (Base Address = 0x28), Read/Write
Bits
Description (Default = 0x0001)
[15:8]
Not used
[7:0]
Binary, number of samples
Table 44. ALM_SMPL_Y (Base Address = 0x2A), Read/Write
Bits
Description (Default = 0x0001)
[15:8]
Not used
[7:0]
Binary, number of samples
Table 45. ALM_SMPL_Z (Base Address = 0x2C), Read/Write
Bits
Description (Default = 0x0001)
[15:8]
Not used
[7:0]
Binary, number of samples
ALARM REPORTING
See DIAG_STAT[11:8] (Table 36) for alarm flags, which equal 1
when an alarm condition is detected. DIO_CTRL (Table 30)
offers settings that configure DIO1 or DIO2 as an alarm
indicator signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com