Electronic Components Datasheet Search
  English  ▼

X  

ADIS16210PCBZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADIS16210PCBZ
Description  Precision Triaxial Inclinometer and Accelerometer with SPI
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16210PCBZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADIS16210PCBZ Datasheet HTML 12Page - Analog Devices ADIS16210PCBZ Datasheet HTML 13Page - Analog Devices ADIS16210PCBZ Datasheet HTML 14Page - Analog Devices ADIS16210PCBZ Datasheet HTML 15Page - Analog Devices ADIS16210PCBZ Datasheet HTML 16Page - Analog Devices ADIS16210PCBZ Datasheet HTML 17Page - Analog Devices ADIS16210PCBZ Datasheet HTML 18Page - Analog Devices ADIS16210PCBZ Datasheet HTML 19Page - Analog Devices ADIS16210PCBZ Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADIS16210
Rev. A | Page 18 of 20
OUTLINE DIMENSIONS
15.20
15.00 SQ
14.80
24.20
24.00
23.80
20.20
20.00
19.80
TOP VIEW
BOTTOM VIEW
20.00 BSC
3.75
(4 PLCS)
R 2.65
(4 PLCS)
2.65
(4 PLCS)
3.50
(4 PLCS)
DETAIL A
FRONT VIEW
15.20
15.00
14.80
8.20
8.00
7.80
Ø 1.65
Hole and Slot
Size for
1.5 mm Pin
R 0.83
(Centers of 2
R 0.83 Circles
Separated by 0.89)
0.50 NOM
PITCH
3.50 NOM
0.254
NOM
DETAIL A
Figure 26. 15-Lead Module with Connector Interface
(ML-15-1)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADIS16210CMLZ
−40°C to +125°C
15-Lead Module with Connector Interface
ML-15-1
ADIS16210/PCBZ
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com