Electronic Components Datasheet Search
  English  ▼

X  

ADM1168ASTZ Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 4 Page - Analog Devices

  ADM1168ASTZ Datasheet HTML 1Page - Analog Devices ADM1168ASTZ Datasheet HTML 2Page - Analog Devices ADM1168ASTZ Datasheet HTML 3Page - Analog Devices ADM1168ASTZ Datasheet HTML 4Page - Analog Devices ADM1168ASTZ Datasheet HTML 5Page - Analog Devices ADM1168ASTZ Datasheet HTML 6Page - Analog Devices ADM1168ASTZ Datasheet HTML 7Page - Analog Devices ADM1168ASTZ Datasheet HTML 8Page - Analog Devices ADM1168ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
ADM1168
Rev. 0 | Page 4 of 28
SPECIFICATIONS
VH = 3.0 V to 14.4 V1, VPx = 3.0 V to 6.0 V1, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY ARBITRATION
VH, VPx
3.0
V
Minimum supply required on one of the VH, VPx pins
VPx
6.0
V
Maximum VDDCAP = 5.1 V typical
VH
14.4
V
VDDCAP = 4.75 V
VDDCAP
2.7
4.75
5.4
V
Regulated LDO output
CVDDCAP
10
μF
Minimum recommended decoupling capacitance
POWER SUPPLY
Supply Current, IVH, IVPx
4.2
6
mA
VDDCAP = 4.75 V, PDO1 to PDO8 off
Additional Currents
All PDOx FET Drivers On
1
mA
VDDCAP = 4.75 V, PDO1 to PDO6 loaded with 1 μA each,
PDO7 to PDO8 off
Current Available from VDDCAP
2
mA
Maximum additional load that can be drawn from all PDO
pull-ups to VDDCAP
EEPROM Erase Current
10
mA
1 ms duration only, VDDCAP = 3 V
SUPPLY FAULT DETECTORS
VH Pin
Input Impedance
52
kΩ
Input Attenuator Error
±0.05
%
Midrange and high range
Detection Ranges
High Range
6
14.4
V
Midrange
2.5
6
V
VPx Pins
Input Impedance
52
kΩ
Input Attenuator Error
±0.05
%
Low range and midrange
Detection Ranges
Midrange
2.5
6
V
Low Range
1.25
3
V
Ultralow Range
0.573
1.375
V
No input attenuation error
VXx Pins
Input Impedance
1
MΩ
Detection Ranges
Ultralow Range
0.573
1.375
V
No input attenuation error
Absolute Accuracy
±1
%
Internal reference VREF error + DAC nonlinearity +
comparator offset error
Threshold Resolution
8
Bits
Digital Glitch Filter
0
μs
Minimum programmable filter length
100
μs
Maximum programmable filter length
REFERENCE OUTPUT
Reference Output Voltage
2.043
2.048
2.053
V
No load
Load Regulation
−0.25
mV
Sourcing current
0.25
mV
Sinking current
Minimum Load Capacitance
1
μF
Capacitor required for decoupling, stability
PSRR
60
dB
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com