Electronic Components Datasheet Search
  English  ▼

X  

ADM1168ASTZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM1168ASTZ Datasheet HTML 6Page - Analog Devices ADM1168ASTZ Datasheet HTML 7Page - Analog Devices ADM1168ASTZ Datasheet HTML 8Page - Analog Devices ADM1168ASTZ Datasheet HTML 9Page - Analog Devices ADM1168ASTZ Datasheet HTML 10Page - Analog Devices ADM1168ASTZ Datasheet HTML 11Page - Analog Devices ADM1168ASTZ Datasheet HTML 12Page - Analog Devices ADM1168ASTZ Datasheet HTML 13Page - Analog Devices ADM1168ASTZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
ADM1168
Rev. 0 | Page 10 of 28
POWERING THE ADM1168
The ADM1168 is powered from the highest voltage input on either
the positive-only supply inputs (VPx) or the high voltage supply
input (VH). This technique offers improved redundancy because
the device is not dependent on any particular voltage rail to keep
it operational. The same pins are used for supply fault detection
(see the Supply Supervision section). A VDD arbitrator on the
device chooses which supply to use. The arbitrator can be
considered an OR’ing of four low dropout regulators (LDOs)
together. A supply comparator chooses the highest input to
provide the on-chip supply. There is minimal switching loss
with this architecture (~0.2 V), resulting in the ability to power
the ADM1168 from a supply as low as 3.0 V. Note that the supply
on the VXx pins cannot be used to power the device.
An external capacitor to GND is required to decouple the on-chip
supply from noise. This capacitor should be connected to the
VDDCAP pin, as shown in Figure 14. The capacitor has another
use during brownouts (momentary loss of power). Under these
conditions, when the input supply (VPx or VH) dips transiently
below VDD, the synchronous rectifier switch immediately turns off
so that it does not pull VDD down. The VDD capacitor can then
act as a reservoir to keep the device active until the next highest
supply takes over the powering of the device. A 10 μF capacitor is
recommended for this reservoir/decoupling function.
The value of the VDDCAP capacitor may be increased if it is
necessary to guarantee a complete fault record is written into
EEPROM should all supplies fail. The value of the capacitor to
use is discussed in the Black Box Writes with No External
Supply section.
The VH input pin can accommodate supplies up to 14.4 V, which
allows the ADM1168 to be powered using a 12 V backplane supply.
In cases where this 12 V supply is hot swapped, it is recommended
that the ADM1168 not be connected directly to the supply. Suitable
precautions, such as the use of a hot swap controller or RC filter
network, should be taken to protect the device from transients
that may cause damage during hot swap events.
When two or more supplies are within 100 mV of each other, the
supply that first takes control of VDD keeps control. For example, if
VP1 is connected to a 3.3 V supply, VDD powers up to approximately
3.1 V through VP1. If VP2 is then connected to another 3.3 V
supply, VP1 still powers the device, unless VP2 goes 100 mV
higher than VP1.
SUPPLY
COMPARATOR
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
IN
EN
OUT
4.75V
LDO
VH
VP3
VP2
VP1
VDDCAP
INTERNAL
DEVICE
SUPPLY
Figure 14. VDD Arbitrator Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com