Electronic Components Datasheet Search
  English  ▼

X  

ADM1168ASTZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM1168ASTZ Datasheet HTML 15Page - Analog Devices ADM1168ASTZ Datasheet HTML 16Page - Analog Devices ADM1168ASTZ Datasheet HTML 17Page - Analog Devices ADM1168ASTZ Datasheet HTML 18Page - Analog Devices ADM1168ASTZ Datasheet HTML 19Page - Analog Devices ADM1168ASTZ Datasheet HTML 20Page - Analog Devices ADM1168ASTZ Datasheet HTML 21Page - Analog Devices ADM1168ASTZ Datasheet HTML 22Page - Analog Devices ADM1168ASTZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
ADM1168
Rev. 0 | Page 19 of 28
APPLICATIONS DIAGRAM
3.3V OUT
VH
PDO8
PDO7
SIGNAL VALID
PDO6
PDO2
PDO1
PDO5
PDO4
PDO3
EN
OUT
DC-TO-DC1
IN
3.3V OUT
3V OUT
5V OUT
12V OUT
EN
OUT
DC-TO-DC2
IN
1.25V OUT
EN
OUT
DC-TO-DC3
IN
EN
OUT
LDO
IN
1.25V OUT
0.9V OUT
12V IN
5V IN
3V IN
5V OUT
VP1
3V OUT
VP2
3.3V OUT
VP3
1.25V OUT
VX1
1.2V OUT
VX2
0.9V OUT
VX3
VX4
10µF
VCCP
10µF
REFOUT
10µF
VDDCAP
GND
ADM1168
PWRGD
RESET
Figure 23. Applications Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com