Electronic Components Datasheet Search
  English  ▼

X  

ADM1168ASTZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 1 Page - Analog Devices

  ADM1168ASTZ Datasheet HTML 1Page - Analog Devices ADM1168ASTZ Datasheet HTML 2Page - Analog Devices ADM1168ASTZ Datasheet HTML 3Page - Analog Devices ADM1168ASTZ Datasheet HTML 4Page - Analog Devices ADM1168ASTZ Datasheet HTML 5Page - Analog Devices ADM1168ASTZ Datasheet HTML 6Page - Analog Devices ADM1168ASTZ Datasheet HTML 7Page - Analog Devices ADM1168ASTZ Datasheet HTML 8Page - Analog Devices ADM1168ASTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Super Sequencer and Monitor with
Nonvolatile Fault Recording
ADM1168
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Complete supervisory and sequencing solution for up to
8 supplies
16 event deep black box nonvolatile fault recording
8 supply fault detectors enable supervision of supplies to
<0.5% accuracy at all voltages at 25°C
<1.0% accuracy across all voltages and temperatures
4 selectable input attenuators allow supervision of supplies to
14.4 V on VH
6 V on VP1 to VP3 (VPx)
4 dual-function inputs, VX1 to VX4 (VXx)
High impedance input to supply fault detector with
thresholds between 0.573 V and 1.375 V
General-purpose logic input
8 programmable driver outputs, PDO1 to PDO8 (PDOx)
Open-collector with external pull-up
Push/pull output, driven to VDDCAP or VPx
Open-collector with weak pull-up to VDDCAP or VPx
Internally charge-pumped high drive for use with external
NFET (PDO1 to PDO6 only)
Sequencing engine (SE) implements state machine control of
PDO outputs
State changes conditional on input events
Enables complex control of boards
Power-up and power-down sequence control
Fault event handling
Interrupt generation on warnings
Watchdog function can be integrated in SE
Program software control of sequencing through SMBus
Device powered by the highest of VPx, VH for improved
redundancy
User EEPROM: 256 bytes
Industry-standard 2-wire bus interface (SMBus)
Guaranteed PDO low with VH, VPx = 1.2 V
Available in 32-lead, 7 mm × 7 mm LQFP
APPLICATIONS
Central office systems
Servers/routers
Multivoltage system line cards
DSP/FPGA supply sequencing
In-circuit testing of margined supplies
FUNCTIONAL BLOCK DIAGRAM
PDO7
PDO8
PDOGND
VDD
ARBITRATOR
GND
VCCP
VX1
VX2
VX3
VX4
VP1
VP2
VP3
VH
AGND
VDDCAP
PROGRAMMABLE
RESET
GENERATORS
(SFDs)
DUAL-
FUNCTION
INPUTS
(LOGIC INPUTS
OR
SFDs)
SEQUENCING
ENGINE
CONFIGURABLE
OUTPUT
DRIVERS
(LV CAPABLE
OF DRIVING
LOGIC SIGNALS)
PDO1
PDO2
PDO3
PDO4
PDO5
PDO6
SDA SCL A1
A0
SMBus
INTERFACE
REFOUT REFGND
VREF
ADM1168
CONFIGURABLE
OUTPUT
DRIVERS
(HV CAPABLE OF
DRIVING GATES
OF NFET)
EEPROM
FAULT RECORDING
Figure 1.
GENERAL DESCRIPTION
The ADM1168 Super Sequencer® is a configurable supervisory/
sequencing device that offers a single-chip solution for supply
monitoring and sequencing in multiple supply systems.
The device also provides up to eight programmable inputs for
monitoring undervoltage faults, overvoltage faults, or out-of-window
faults on up to eight supplies. In addition, eight programmable
outputs can be used as logic enables. Six of these programmable
outputs can also provide up to a 12 V output for driving the gate
of an NFET that can be placed in the path of a supply.
The logical core of the device is a sequencing engine. This state
machine-based construction provides up to 63 different states.
This design enables very flexible sequencing of the outputs based
on the condition of the inputs.
A block of nonvolatile EEPROM is available that can be used to
store user-defined information and may also be used to hold a
number of fault records that are written by the sequencing engine
defined by the user when a particular fault or sequence occurs.
The ADM1168 is controlled via configuration data that can be
programmed into an EEPROM. The whole configuration can be
programmed using an intuitive GUI-based software package
provided by Analog Devices, Inc.
For more information about the ADM1168 register map, refer
to the AN-721 Application Note.


Similar Part No. - ADM1168ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ACPZ-REEL AD-ADM1166ACPZ-REEL Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1166ASUZ AD-ADM1166ASUZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
More results

Similar Description - ADM1168ASTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1065 AD-ADM1065 Datasheet
664Kb / 28P
Super Sequencer-TM and Monitor
ADM1068 AD-ADM1068 Datasheet
627Kb / 28P
Super Sequencer??and Monitor
ADM1166 AD-ADM1166 Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1065ASUZ AD-ADM1065ASUZ Datasheet
369Kb / 28P
Super Sequencer and Monitor
Rev. D
ADM1166ACPZ AD-ADM1166ACPZ Datasheet
515Kb / 32P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
REV. 0
ADM1065 AD-ADM1065_15 Datasheet
369Kb / 28P
Super Sequencer and Monitor
REV. D
ADM1068 AD-ADM1068_15 Datasheet
385Kb / 24P
Super Sequencer and Monitor
REV. C
ADM1260 AD-ADM1260 Datasheet
803Kb / 71P
Super Sequencer with Interchip Bus and Nonvolatile Fault Recording
REV. 0
ADM1266 AD-ADM1266 Datasheet
913Kb / 62P
Cascadable Super Sequencer Margin Control and Fault Recording
8/2018-Rev. 0 to Rev. A
ADM1169 AD-ADM1169 Datasheet
511Kb / 33P
Super Sequencer with Margining Control and Nonvolatile Fault Recording
1/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com