Electronic Components Datasheet Search
  English  ▼

X  

ADM1168ASTZ Datasheet(PDF) 12 Page - Analog Devices

Part # ADM1168ASTZ
Description  Super Sequencer and Monitor with Nonvolatile Fault Recording
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1168ASTZ Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM1168ASTZ Datasheet HTML 8Page - Analog Devices ADM1168ASTZ Datasheet HTML 9Page - Analog Devices ADM1168ASTZ Datasheet HTML 10Page - Analog Devices ADM1168ASTZ Datasheet HTML 11Page - Analog Devices ADM1168ASTZ Datasheet HTML 12Page - Analog Devices ADM1168ASTZ Datasheet HTML 13Page - Analog Devices ADM1168ASTZ Datasheet HTML 14Page - Analog Devices ADM1168ASTZ Datasheet HTML 15Page - Analog Devices ADM1168ASTZ Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
ADM1168
Rev. 0 | Page 12 of 28
INPUT COMPARATOR HYSTERESIS
The UV and OV comparators shown in Figure 16 are always
monitoring VPx. To avoid chatter (multiple transitions when the
input is very close to the set threshold level), these comparators
have digitally programmable hysteresis. The hysteresis can be
programmed up to the values shown in Table 6.
The hysteresis is added after a supply voltage goes out of
tolerance. Therefore, the user can program the amount above
the undervoltage threshold to which the input must rise before
an undervoltage fault is deasserted. Similarly, the user can program
the amount below the overvoltage threshold to which an input
must fall before an overvoltage fault is deasserted.
The hysteresis value is given by
VHYST = VR × NTHRESH/255
where:
VHYST is the desired hysteresis voltage.
NTHRESH is the decimal value of the 5-bit hysteresis code.
Note that NTHRESH has a maximum value of 31. The maximum
hysteresis for the ranges is listed in Table 6.
INPUT GLITCH FILTERING
The final stage of the SFDs is a glitch filter. This block provides
time-domain filtering on the output of the SFD comparators,
which allows the user to remove any spurious transitions such
as supply bounce at turn-on. The glitch filter function is in addition
to the digitally programmable hysteresis of the SFD comparators.
The glitch filter timeout is programmable up to 100 μs.
For example, when the glitch filter timeout is 100 μs, any pulse
appearing on the input of the glitch filter block that is less than
100 μs in duration is prevented from appearing on the output of
the glitch filter block. Any input pulse that is longer than 100 μs
appears on the output of the glitch filter block. The output is
delayed with respect to the input by 100 μs. The filtering process is
shown in Figure 15.
t0
tGF
t0
tGF
t0
tGF
t0
tGF
INPUT
INPUT PULSE SHORTER
THAN GLITCH FILTER TIMEOUT
INPUT PULSE LONGER
THAN GLITCH FILTER TIMEOUT
OUTPUT
PROGRAMMED
TIMEOUT
PROGRAMMED
TIMEOUT
INPUT
OUTPUT
Figure 15. Input Glitch Filter Function
+
–
+
–
UV
COMPARATOR
VREF
FAULT TYPE
SELECT
OV
COMPARATOR
FAULT
OUTPUT
GLITCH
FILTER
VPx
MID
LOW
RANGE
SELECT
ULTRA
LOW
Figure 16. Supply Fault Detector Block
Table 6. Input Functions, Thresholds, and Ranges
Input
Function
Voltage Range (V)
Maximum Hysteresis
Voltage Resolution (mV)
Glitch Filter (μs)
VH
High voltage analog input
2.5 to 6.0
425 mV
13.7
0 to 100
6.0 to 14.4
1.02 V
32.9
0 to 100
VPx
Positive analog input
0.573 to 1.375
97.5 mV
3.14
0 to 100
1.25 to 3.00
212 mV
6.8
0 to 100
2.5 to 6.0
425 mV
13.7
0 to 100
VXx
High-Z analog input
0.573 to 1.375
97.5 mV
3.14
0 to 100
Digital input
0 to 5.0
Not applicable
Not applicable
0 to 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com