Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 1 Page - Analog Devices

  ADP2127 Datasheet HTML 1Page - Analog Devices ADP2127 Datasheet HTML 2Page - Analog Devices ADP2127 Datasheet HTML 3Page - Analog Devices ADP2127 Datasheet HTML 4Page - Analog Devices ADP2127 Datasheet HTML 5Page - Analog Devices ADP2127 Datasheet HTML 6Page - Analog Devices ADP2127 Datasheet HTML 7Page - Analog Devices ADP2127 Datasheet HTML 8Page - Analog Devices ADP2127 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Ultralow Profile, 500 mA, 6 MHz, Synchronous,
Step-Down, DC-to-DC Converters
ADP2126/ADP2127
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
1.20 V and 1.26 V fixed output voltage options
Clock signal enable
Logic signal enable also available on certain models
6 MHz operating frequency
Spread spectrum frequency modulation to reduce EMI
500 mA continuous output current
Input voltage: 2.1 V to 5.5 V
0.3 μA (typical) shutdown supply current
Pin-selectable power-saving mode
Compatible with tiny multilayer inductors
Internal synchronous rectifier
Internal compensation
Internal soft start
Output-to-ground short-circuit protection
Current-limit protection
Undervoltage lockout
Thermal shutdown protection
0.330 mm height (maximum), 6-ball BUMPED_CHIP (ADP2126)
0.200 mm height (maximum), 6-pad EWLP (ADP2127)
APPLICATIONS
Mobile phones
Digital still/video cameras
Digital audio
Portable equipment
Camera modules
Image stabilization systems
TYPICAL APPLICATION CIRCUITS
A2
C2
B2
A1
B1
C1
VIN
GND
FB
SW
EXTCLK
MODE
CIN
2.2µF
COUT
2.2µF
INPUT
VOLTAGE
2.1V TO 5.5V
L
1.0µH
ADP2126
OUTPUT
VOLTAGE
1.20V OR 1.26V
OFF ON
OFF
ON
AUTO
PWM
OR
*LOGIC HIGH ENABLE IS ONLY AVAILABLE ON CERTAIN MODELS.
*
Figure 1. ADP2126 0.33 mm Maximum Height Solution
A2
C2
B2
A1
B1
C1
VIN
GND
FB
SW
EXTCLK
MODE
INPUT
VOLTAGE
2.1V TO 5.5V
L
0.56µH
ADP2127
OUTPUT
VOLTAGE
1.20V OR 1.26V
OFF ON
OFF
ON
AUTO
PWM
OR
COUT
2 × 1µF
CIN
2 × 1µF
*LOGIC HIGH ENABLE IS ONLY AVAILABLE ON CERTAIN MODELS.
*
Figure 2. ADP2127 0.22 mm Maximum Height Solution
GENERAL DESCRIPTION
The ADP2126/ADP2127 are high frequency, step-down, dc-to-
dc converters optimized for portable applications in which board
area and battery life are critical constraints. The fixed 6 MHz
operating frequency enables the use of tiny ceramic inductors
and capacitors and the regulators use spread spectrum frequency
modulation to reduce EMI. Additionally, synchronous rectification
improves efficiency and results in fewer external components.
At high load currents, the ADP2126/ADP2127 use a voltage
regulating pulse-width modulation (PWM) mode that maintains
a constant frequency with excellent stability and transient response.
Light load operation is determined by the state of the MODE pin.
In forced PWM mode, the converter continues operating in PWM
for light loads. Under light load conditions in auto mode, the
ADP2126/ADP2127 automatically enter a power-saving mode,
which uses pulse frequency modulation (PFM) to reduce the
effective switching frequency, thus ensuring the longest battery
life in portable applications.
The ADP2126/ADP2127 are enabled by a 6 MHz to 27 MHz
external clock signal applied to the EXTCLK pin. Certain models
can also be enabled with a logic high signal. When the external clock
is not switching and in a low logic state, the ADP2126/ADP2127
stop regulating and shut down to draw less than 0.3 μA (typical)
from the source.
The ADP2126/ADP2127 have an input voltage range of 2.1 V to
5.5 V, allowing the use of single Li+/Li polymer cell, three-cell
alkaline, NiMH cell, and other standard power sources. The
ADP2126/ADP2127 are internally compensated to minimize
external components and can source up to 500 mA. Other key
features, such as cycle-by-cycle peak current limit, soft start,
undervoltage lockout (UVLO), output-to-ground short-circuit
protection, and thermal shutdown provide protection for internal
and external circuit components.


Similar Part No. - ADP2127

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP2127 AD-ADP2127 Datasheet
893Kb / 20P
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
ADP2127ACNZ-1.20R7 AD-ADP2127ACNZ-1.20R7 Datasheet
893Kb / 20P
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
ADP2127ACNZ1.260R7 AD-ADP2127ACNZ1.260R7 Datasheet
893Kb / 20P
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
More results

Similar Description - ADP2127

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1511 ONSEMI-NCP1511 Datasheet
162Kb / 16P
Up to 500 mA, High Efficiency Synchronous Step-Down DC-DC Converter
January, 2005 ??Rev. 5
logo
Analog Devices
ADP3051 AD-ADP3051 Datasheet
428Kb / 16P
500 mA PWM Step-Down DC-DC with Synchronous Rectifier
6/04-Revision 0
logo
Unisonic Technologies
UC3655 UTC-UC3655 Datasheet
277Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
UC3655 UTC-UC3655_11 Datasheet
302Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9243B08CDR-G TOREX-XC9243B08CDR-G Datasheet
862Kb / 29P
2A Synchronous Step-Down DC/DC Converters
logo
Analog Devices
ADP2121 AD-ADP2121 Datasheet
1Mb / 20P
600 mA, 6 MHz, Synchronous Step-Down DC-to-DC Converter
REV. B
ADP3051 AD-ADP3051_15 Datasheet
437Kb / 16P
500 mA PWM Step-Down DC-DC with Synchronous Rectifier
Rev. 0
logo
Unisonic Technologies
UC3655 UTC-UC3655_14 Datasheet
355Kb / 9P
500mA SYNCHRONOUS STEP-DOWN DC/DC CONVERTERS
logo
Torex Semiconductor
XC9215 TOREX-XC9215 Datasheet
239Kb / 21P
500mA Synchronous Step-Down DC/DC Converters
logo
Analog Devices
ADP2126 AD-ADP2126_V01 Datasheet
893Kb / 20P
Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com