Electronic Components Datasheet Search
  English  ▼

X  

ADP2127 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP2127
Description  Ultralow Profile, 500 mA, 6 MHz, Synchronous, Step-Down, DC-to-DC Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2127 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP2127 Datasheet HTML 7Page - Analog Devices ADP2127 Datasheet HTML 8Page - Analog Devices ADP2127 Datasheet HTML 9Page - Analog Devices ADP2127 Datasheet HTML 10Page - Analog Devices ADP2127 Datasheet HTML 11Page - Analog Devices ADP2127 Datasheet HTML 12Page - Analog Devices ADP2127 Datasheet HTML 13Page - Analog Devices ADP2127 Datasheet HTML 14Page - Analog Devices ADP2127 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADP2126/ADP2127
Rev. A | Page 11 of 20
THEORY OF OPERATION
SHOOT-
THROUGH
CONTROL
LOGIC
AND
PFM/PWM
CONTROL
THERMAL
SHUTDOWN
SOFT START
BANDGAP
BG
FB
BG
AGND
R1
FB
R2
VOUT
AGND
AGND
FB
6MHz
OSCILLATOR
B2
THRESHOLD
DETECT*
THRESHOLD
DETECT
VOUT
DISCHARGE
CLK
DETECT
SHORT-CIRCUIT
PROTECTION
COMPENSATION
EAMP
RDSCHG
110Ω
RAMP
V(VIN)
ZXCOMP
PILIM
PDRIVE
PWM
COMP
PVIN
CIN
AVIN
NDRIVE
PREF
COUT
VOUT
1.20V OR
1.26V
L
PGND
VIN
GND
SW
AGND
NREF
EXTCLK
C2
B1
A2
C1
A1
MODE
OFF
ON
ON
OFF
PWM
AUTO
OR
ADP2126/ADP2127
*
*THE LOGIC HIGH ENABLE FEATURE IS ONLY AVAILABLE ON CERTAIN MODELS.
VIN
2.1V TO 5.5V
Figure 29. Internal Block Diagram
OVERVIEW
The ADP2126/ADP2127 are high efficiency, synchronous, step-
down, dc-to-dc regulators that operate from a 2.1 V to 5.5 V
input voltage. They provide up to 500 mA of continuous output
current at a fixed output voltage. The 6 MHz operating frequency
enables the use of tiny external components. External control
for mode selection provides a power-saving option. The internal
control schemes of the ADP2126/ADP2127 give excellent
stability and transient response. Other internal features, such
as cycle-by-cycle peak current limit, soft start, undervoltage
lockout, output-to-ground short-circuit protection, and thermal
shutdown provide protection for internal circuit components.
EXTERNAL CLOCK (EXTCLK) ENABLE
The ADP2126/ADP2127 are enabled by a 6 MHz to 27 MHz
external clock signal applied to the EXTCLK pin. Certain models
can also be enabled with a logic high signal (see Figure 3, Figure 4,
and Figure 29). When the ADP2126/ ADP2127 are enabled, the
converter is able to power up, and the output voltage rises to its
nominal value. When the external clock is not switching and in
a low logic state, the ADP2126/ADP2127 stop regulating and
shut down to draw less than 0.3 μA (typical) from the source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com