Electronic Components Datasheet Search
  English  ▼

X  

TC1165 Datasheet(PDF) 59 Page - Infineon Technologies AG

Part # TC1165
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 59 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 55Page - Infineon Technologies AG TC1165 Datasheet HTML 56Page - Infineon Technologies AG TC1165 Datasheet HTML 57Page - Infineon Technologies AG TC1165 Datasheet HTML 58Page - Infineon Technologies AG TC1165 Datasheet HTML 59Page - Infineon Technologies AG TC1165 Datasheet HTML 60Page - Infineon Technologies AG TC1165 Datasheet HTML 61Page - Infineon Technologies AG TC1165 Datasheet HTML 62Page - Infineon Technologies AG TC1165 Datasheet HTML 63Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 133 page
background image
TC1165/TC1166
Functional Description
Preliminary
Data Sheet
55
V1.0, 2008-04
3.10
Micro Second Bus Interface (MSC0)
The MSC interface provides a serial communication link typically used to connect power
switches or other peripheral devices. The serial communication link includes a fast
synchronous downstream channel and a slow asynchronous upstream channel.
Figure 3-6 shows a global view of the MSC interface signals.
Figure 3-6
Block Diagram of the MSC Interface
The downstream and upstream channels of the MSC module communicate with the
external world via nine I/O lines. Eight output lines are required for the serial
communication of the downstream channel (clock, data, and enable signals). One out of
eight input lines SDI[7:0] is used as serial data input signal for the upstream channel. The
source of the serial data to be transmitted by the downstream channel can be MSC
register contents or data that is provided at the ALTINL/ALTINH input lines. These input
lines are typically connected to other on-chip peripheral units (for example with a timer
unit like the GPTA). An emergency stop input signal makes it possible to set bits of the
serial data stream to dedicated values in emergency cases.
MSC0
Module
(Kernel)
MCA06255
Port 2
Control
P2.13 / SDI0
EN0
SOP
SON0
SON
SOP0A
P2.9 / EN01
P2.8 / EN00
FCLN0
FCLN
FCLP0A
FCLP
EN1
P2.11 / FCLP0B
P2.12 / SOP0B
Clock
Control
Address
Decoder
Interrupt
Control
SR[1:0]
EMGSTOPMSC
ALTINL[15:0]
ALTINH[15:0]
To DMA
SR[3:2]
(from GPTA)
(from SCU)
f
MSC0
f
CLC0
SR15 (from CAN)
SDI[0]1)
1) SDI[7:1] are connected to high level
16
16
C
C
C
C
A2
A2
A2
A2
A1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com