Electronic Components Datasheet Search
  English  ▼

X  

TC1165 Datasheet(PDF) 63 Page - Infineon Technologies AG

Part # TC1165
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 63 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 59Page - Infineon Technologies AG TC1165 Datasheet HTML 60Page - Infineon Technologies AG TC1165 Datasheet HTML 61Page - Infineon Technologies AG TC1165 Datasheet HTML 62Page - Infineon Technologies AG TC1165 Datasheet HTML 63Page - Infineon Technologies AG TC1165 Datasheet HTML 64Page - Infineon Technologies AG TC1165 Datasheet HTML 65Page - Infineon Technologies AG TC1165 Datasheet HTML 66Page - Infineon Technologies AG TC1165 Datasheet HTML 67Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 133 page
background image
TC1165/TC1166
Functional Description
Preliminary
Data Sheet
59
V1.0, 2008-04
3.12
Micro Link Serial Bus Interface (MLI0, MLI1)
The Micro Link Interface is a fast synchronous serial interface that allows data exchange
between microcontrollers of the 32-bit AUDO microcontroller family without intervention
of a CPU or other bus masters. Figure 3-8 shows how two microcontrollers are typically
connected together via their MLI interfaces. The MLI operates in both microcontrollers
as a bus master on the system bus.
Figure 3-8
Typical Micro Link Interface Connection
Features
•
Synchronous serial communication between MLI transmitters and MLI receivers
located on the same or on different microcontroller devices
•
Automatic data transfer/request transactions between local/remote controller
•
Fully transparent read/write access supported (= remote programming)
•
Complete address range of remote controller available
•
Specific frame protocol to transfer commands, addresses and data
•
Error control by parity bit
•
32-bit, 16-bit, and 8-bit data transfers
•
Programmable baud rates
– MLI transmitter baud rate: max.
f
MLI/2 (= 40 Mbit/s @ 80 MHz module clock)
– MLI receiver baud rate: max.
f
MLI
•
Multiple remote (slave) controllers are supported
MLI transmitter and MLI receiver communicate with other off-chip MLI receivers and MLI
transmitters via a 4-line serial I/O bus each. Several I/O lines of these I/O buses are
available outside the MLI module kernel as four-line output or input buses.
MCA06061
Controller 1
CPU
Peripheral
B
Peripheral
A
MLI
System Bus
Controller 2
CPU
Peripheral
D
Peripheral
C
MLI
System Bus
Memory
Memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com