Electronic Components Datasheet Search
  English  ▼

X  

TC1165 Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TC1165
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 82Page - Infineon Technologies AG TC1165 Datasheet HTML 83Page - Infineon Technologies AG TC1165 Datasheet HTML 84Page - Infineon Technologies AG TC1165 Datasheet HTML 85Page - Infineon Technologies AG TC1165 Datasheet HTML 86Page - Infineon Technologies AG TC1165 Datasheet HTML 87Page - Infineon Technologies AG TC1165 Datasheet HTML 88Page - Infineon Technologies AG TC1165 Datasheet HTML 89Page - Infineon Technologies AG TC1165 Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 133 page
background image
TC1165/TC1166
Functional Description
Preliminary
Data Sheet
82
V1.0, 2008-04
3.23
Power Supply
The TC1165/TC1166 has several power supply lines for different voltage classes:
•
1.5 V: Core logic, oscillator and A/D converter supply
•
3.3 V: I/O ports, Flash memories, oscillator, and A/D converter supply with reference
voltages
Figure 3-17 shows the power supply concept of the TC1165/TC1166 with the power
supply pins and its connections to the functional units.
Figure 3-17
Power Supply Concept of TC1165/TC1166
TC1165/TC1166
TC1165/TC1166 PwrSupply
Core
Flash
Memories
V
DD
(1.5 V)
7
PLL
OSC
3
1
V
DDFL3
3.3 V
FADC
VDDAF
(1.5V)
VSSAF
V
DDMF
(3.3V)
V
SSMF
2
2
V
FAREF
(3.3V)
V
FAGND
2
V
SSA
1
Ports
8
V
DDP
(3.3 V)
V
SS
9
ADC
VDDM
(3.3V)
V
SSM
2
VAREF
(3.3V)
V
AGND
2
V
DDA
(1.5 V)
1
V
DDOSC3 (3.3 V)
V
DDOSC
(1.5 V)
V SSOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com