Electronic Components Datasheet Search
  English  ▼

X  

TC1165 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TC1165
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 21Page - Infineon Technologies AG TC1165 Datasheet HTML 22Page - Infineon Technologies AG TC1165 Datasheet HTML 23Page - Infineon Technologies AG TC1165 Datasheet HTML 24Page - Infineon Technologies AG TC1165 Datasheet HTML 25Page - Infineon Technologies AG TC1165 Datasheet HTML 26Page - Infineon Technologies AG TC1165 Datasheet HTML 27Page - Infineon Technologies AG TC1165 Datasheet HTML 28Page - Infineon Technologies AG TC1165 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 133 page
background image
TC1165/TC1166
General Device Information
Preliminary
Data Sheet
21
V1.0, 2008-04
N.C.
21,
89
–
–
–
Not Connected
These pins are reserved for future extension
and must not be connected externally.
Power Supplies
V
DDM
54
–
–
–
ADC Analog Part Power Supply (3.3 V)
V
SSM
53
–
–
–
ADC Analog Part Ground for
V
DDM
V
DDMF
24
–
–
–
FADC Analog Part Power Supply (3.3 V)
V
SSMF
25
–
–
–
FADC Analog Part Ground for
V
DDMF
V
DDAF
23
–
–
–
FADC Analog Part Logic Power Supply
(1.5 V)
V
SSAF
22
–
–
–
FADC Analog Part Logic Ground for
V
DDAF
V
AREF0
52
–
–
–
ADC Reference Voltage
V
AGND0
51
–
–
–
ADC Reference Ground
V
FAREF
26
–
–
–
FADC Reference Voltage
V
FAGND
27
–
–
–
FADC Reference Ground
V
DDOSC
105
–
–
–
Main Oscillator and PLL Power Supply
(1.5 V)
V
DDOSC3
106
–
–
–
Main Oscillator Power Supply (3.3 V)
V
SSOSC
104
–
–
–
Main Oscillator and PLL Ground
V
DDFL3
141
–
–
–
Power Supply for Flash (3.3 V)
V
DD
10,
68,
84,
99,
123,
153,
170
–
–
–
Core Power Supply (1.5 V)
Table 2-1
Pin Definitions and Functions (cont’d)
Symbol
Pins I/O
Pad
Driver
Class
Power
Supply
Functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com