Electronic Components Datasheet Search
  English  ▼

X  

TC1165 Datasheet(PDF) 72 Page - Infineon Technologies AG

Part # TC1165
Description  32-Bit Single-Chip Microcontroller TriCore
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TC1165 Datasheet(HTML) 72 Page - Infineon Technologies AG

Back Button TC1165 Datasheet HTML 68Page - Infineon Technologies AG TC1165 Datasheet HTML 69Page - Infineon Technologies AG TC1165 Datasheet HTML 70Page - Infineon Technologies AG TC1165 Datasheet HTML 71Page - Infineon Technologies AG TC1165 Datasheet HTML 72Page - Infineon Technologies AG TC1165 Datasheet HTML 73Page - Infineon Technologies AG TC1165 Datasheet HTML 74Page - Infineon Technologies AG TC1165 Datasheet HTML 75Page - Infineon Technologies AG TC1165 Datasheet HTML 76Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 133 page
background image
TC1165/TC1166
Functional Description
Preliminary
Data Sheet
68
V1.0, 2008-04
3.15
Fast Analog-to-Digital Converter Unit (FADC)
The on-chip FADC module of the TC1165/TC1166 basically is a 2-channel A/D converter
with 10-bit resolution that operates by the method of the successive approximation.
As shown in Figure 3-12, the main FADC functional blocks are:
•
The Input Stage — contains the differential inputs and the programmable amplifier
•
The A/D Converter — is responsible for the analog-to-digital conversion
•
The Data Reduction Unit — contains programmable antialiasing and data reduction
filters
•
The Channel Trigger Control block — determines the trigger and gating conditions
for the two FADC channels
•
The Channel Timers — can independently trigger the conversion of each FADC
channel
•
The A/D Control block is responsible for the overall FADC functionality
The FADC module is supplied by the following power supply and reference voltage lines:
•
V
DDMF/VDDMF:FADC Analog Part Power Supply (3.3 V)
•
V
DDAF/VDDAF:FADC Analog Part Logic Power Supply (1.5 V)
•
V
FAREF/VFAGND:FADC Reference Voltage (3.3 V)/FADC Reference Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com