Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 2Page - Infineon Technologies AG TLE6288R Datasheet HTML 3Page - Infineon Technologies AG TLE6288R Datasheet HTML 4Page - Infineon Technologies AG TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
TLE6288R
Pin Configuration
Data Sheet
6
Rev. 2.5, 2010-10-11
2.3
Pin Description
17
DOUT5
Drain Output CH 5 (high/low side)
18
SOUT5
Source Output CH 5 (high/low side)
19
SOUT3
Source Output CH 3 (high side)
20
DOUT3
Drain Output CH 3 (high side)
21
VCP
Charge Pump capacitor pin
22
FSIN
All Channels Enable/Disable
23
GND
Logic Ground
24
Fault
General Fault Flag
25
IN3
Control Input Channel 3
26
IN6
Control Input Channel 6
27
Reset
Reset pin (+ Standby Mode)
28
V
CC
Logic Supply Voltage (5 V)
29
V
DO
Supply pin for digital outputs
30
SO
SPI Serial Data Output
31
CLKProg
Program pin of SPI Clock
32
SCLK
SPI Serial Clock
33
CS
SPI Chip Select
34
SI
SPI Serial Data Input
35
DOUT6
Drain Output CH 6 (high/low side)
36
SOUT6
Source Output CH 6 (high/low side)
Symbol
Description
DOUT1-3 Drain of the 3 highside channels. These pins must always be connected to the same power (battery)
supply line (
V
B).
SOUT1-3 Source of the 3 highside channels. Outputs of the highside channels where the load is connected.
DOUT4-6 Drain pins of the 3 configurable channels. In highside configuration they must be connected to the
same voltage as DOUT1-3. In lowside configuration they are the output pins and connected to the
load.
SOUT4-6 Source of the 3 configurable channels. In highside configuration they are the outputs and connected
to the load. In lowside configuration they must be connected with GND.
IN1-6
Parallel input pins for the 6 power outputs. These pins have an internal pull-down structure.
GND
Logic ground pin, the heat slug has to be connected to this potential.
FSIN
Disable pin. If the FSIN pin is in a logic low state, it switches all outputs OFF. The pin has an internal
pull-up structure.
Reset
Reset pin. When the reset is low all channels are off, the internal biasing is deactivated, all internal
registers are cleared and the supply-current consumption is reduced (standby mode). The pin has an
internal pull-up structure.
Fault
General Fault pin. There is a general fault pin (open drain) which shows a high to low transition as
soon as an error is latched into the diagnosis register. When the diagnosis register is cleared this flag
is also reset (high ohmic). This fault indication can be used to generate a
μC interrupt.
Pin
Symbol
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com