Electronic Components Datasheet Search
  English  ▼

X  

TLE6288R Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6288R
Description  Smart 6 Channel Peak & Hold Switch
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6288R Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6288R Datasheet HTML 3Page - Infineon Technologies AG TLE6288R Datasheet HTML 4Page - Infineon Technologies AG TLE6288R Datasheet HTML 5Page - Infineon Technologies AG TLE6288R Datasheet HTML 6Page - Infineon Technologies AG TLE6288R Datasheet HTML 7Page - Infineon Technologies AG TLE6288R Datasheet HTML 8Page - Infineon Technologies AG TLE6288R Datasheet HTML 9Page - Infineon Technologies AG TLE6288R Datasheet HTML 10Page - Infineon Technologies AG TLE6288R Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Data Sheet
7
Rev. 2.5, 2010-10-11
TLE6288R
Pin Configuration
For more details about the SPI see Chapter 5.
CLKProg Programming pin for the SPI Clock signal. This pin can be used to configure the clock signal input of
the SPI. In low state the SPI will read data at the rising clock edge and write data at the falling clock
edge. In high state the SPI will read data at the falling clock edge and write data at the rising clock
edge. The pin has an internal pull-down structure.
DIAG1-5
Parallel diagnostic pins (push-pull) change state according to the input signal of the corresponding
channel. For further details refer to Chapter 4.3.1
DIAG6/
Overtemp
VCP
Pin to connect the external capacitor of the integrated charge pump. Connect a ceramic capacitor with
47 nF between this pin and DOUT3 (
V
B).
V
DO
Supply pin of the push-pull digital output drivers. This pin can be used to vary the high-state output
voltage of the SO pin and the DIAG1-6 pins.
V
CC
Logic supply pin. This pin is used to supply the integrated circuitry.
CS
Chip Select of the SPI (active low)
SO
Signal Output of the Serial Peripheral Interface
SI
Signal Input of the Serial Peripheral Interface. The pin has an internal pull-down structure.
SCLK
Clock Input of the Serial Peripheral Interface. The pin has an internal pull-up structure
(if CLKProg = L) or an pull-down structure (if CLKProg = H).
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com